전자부품 데이터시트 검색엔진 |
|
SMB-SLD-J1 데이터시트(PDF) 1 Page - DOMINANT Semiconductors |
|
SMB-SLD-J1 데이터시트(HTML) 1 Page - DOMINANT Semiconductors |
1 / 12 page 23/02/2006 V1.0 1 Features: > High brightness surface mount LED. > Super wide viewing angle of 160°. > Equivalent to 0805 package outline. Copper lead-frame construction. > Qualified according to JEDEC moisture sensitivity Level 2. > Compatible to both IR reflow soldering and TTW soldering. > Environmental friendly; RoHS compliance. SpiceLEDTM Like spice, its diminutive size is a stark contrast to its standout performance in terms of brightness, durability and reliability. Despite being the smallest in size yet the SpiceLED™ packs a powerful performance and is a highly reliable design device. Its versality enables its application in automotive applicances, key-pad illumination, hand-held devices such as PDAs, notebooks, compact back-lighting applications, consumer appliances, office equipment, audio and video equipment. DATA SHEET: SpiceLEDTM InGaN M-Spice : SMx-SLD © 2005 SpiceLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice. Applications: > Automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > Consumer Appliances: LCD illumination as in PDAs, LCD TV. > Communication: indicator and backlight in mobilephone. > Display: full color display video notice board. > Industry: white goods (eg: Oven, microwave, etc.). DOMINANTTM Semiconductors Innovating Illumination |
유사한 부품 번호 - SMB-SLD-J1 |
|
유사한 설명 - SMB-SLD-J1 |