전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSA5520T 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TSA5520T
상세설명  1.3 GHz universal bus-controlled TV synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5520T 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TSA5520T Datasheet HTML 7Page - NXP Semiconductors TSA5520T Datasheet HTML 8Page - NXP Semiconductors TSA5520T Datasheet HTML 9Page - NXP Semiconductors TSA5520T Datasheet HTML 10Page - NXP Semiconductors TSA5520T Datasheet HTML 11Page - NXP Semiconductors TSA5520T Datasheet HTML 12Page - NXP Semiconductors TSA5520T Datasheet HTML 13Page - NXP Semiconductors TSA5520T Datasheet HTML 14Page - NXP Semiconductors TSA5520T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Oct 10
11
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
CHARACTERISTICS
VCC1 = 4.5 to 5.5 V; VCC2 =VCC1 to 13.2 V; Tamb = −20 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC1
supply voltage
4.5
5.5
V
VCC2
band switch buffers supply
voltage
VCC1
12
13.5
V
ICC1
supply current
at power-on
20
25
mA
ICC2
band switch buffers supply current at power-on
0.5
1
mA
one band switch buffer is ON;
Isource =40mA
50
55
mA
two band switch buffers are ON;
Isource =40mA+5mA
(any combination)
56
62
mA
VPOR
supply voltage below which POR
is active
1.5
2.0
V
fRF
RF input frequency
64
1300
MHz
DR
divider ratio
15-bit frequency word
256
32767
14-bit frequency word
256
16383
fxtal
crystal oscillator input frequency
Rxtal = 25 to 200 Ω
3.2
4.0
4.48
MHz
Zxtal
crystal oscillator input impedance
(absolute value)
fi = 4 MHz
600
1200
−Ω
Prescaler (see Figs 8 and 9)
Vi(RF)
RF input level
fi = 80 to 150 MHz
−25
3
dBm
fi = 150 to 1000 MHz
−28
3
dBm
fi = 1000 to 1300 MHz
−15
3
dBm
Zi(RF)
input impedance
see Fig.8
PNP band switch buffers outputs (pins 5 to 8)
ILO
output leakage current
VCC2 = 13.5 V;
Vo =0V
−10
−−
µA
Vo(sat)
output saturation voltage
Isource = 40 mA;
Vo(sat) =VCC2 − Vo
0.2
0.4
V
LOCK output (PNP collector output)
Io(ool)
output current when out-of-lock
VCC1 = 5.5 V; Vo = 5.5 V
−−
100
µA
Vosat(ool)
output saturation voltage when
out-of-lock
Isource = 200 µA;
Vo(sat) =VCC1 − Vo
0.4
0.8
V
Vo(LOCK)
LOCK output voltage
0.01
0.4
V
SW input (bus format input)
VIL
LOW level input voltage
0
1.5
V
VIH
HIGH level input voltage
3
VCC1
V
IIH
HIGH level input current
VSW =VCC1
−−
10
µA
IIL
LOW level input current
VSW =0V
−100
−−
µA


유사한 부품 번호 - TSA5520T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522M PHILIPS-TSA5522M Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5522T PHILIPS-TSA5522T Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5523M/C1 PHILIPS-TSA5523M/C1 Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results

유사한 설명 - TSA5520T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com