전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-MBT741 데이터시트(PDF) 3 Page - Seoul Semiconductor

부품명 SSC-MBT741
상세설명  TOP LED DEVICE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-MBT741 데이터시트(HTML) 3 Page - Seoul Semiconductor

  SSC-MBT741 Datasheet HTML 1Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 2Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 3Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 4Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 5Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 6Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 7Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 8Page - Seoul Semiconductor SSC-MBT741 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4. Electro-Optical Characteristics
(Ta=25ºC)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage (per die)
V
F
I
F =20 mA
2.7
3.3
4.0
V
Reverse Current (per die)
I
R
V
R=5V
-
-
10
µA
Luminance Intensity *1
I
V
I
F =60 mA
300
580
860
mcd
Luminance Flux
Φ V
I
F =60 mA
-
1.8
-
lm
Dominant Wavelength
λ
d
I
F =60 mA
465
470
477
nm
Peak Wavelength
λ
P
I
F =60mA
-
463
-
nm
Spectral Bandwidth
∆λ
I
F =60 mA
-
27
-
nm
Viewing Angle *2
2
θ½
I
F =60 mA
-
120
-
deg
Optical Efficiency
η opt
I
F =60 mA
-
9
-
lm/W
*1 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is ±10%.
*2 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 3/9 -
SSC-MBT722
SSC-QP-7-03-08(REV.00)


유사한 부품 번호 - SSC-MBT741

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-MBT801 SEOUL-SSC-MBT801 Datasheet
347Kb / 8P
   TOP LED DEVICE
More results

유사한 설명 - SSC-MBT741

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
   TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
   TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
   TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
   TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
   TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
   TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
   TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
   TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
   TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
   TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com