전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UAA3515A 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 UAA3515A
상세설명  900 MHz analog cordless telephone IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UAA3515A 데이터시트(HTML) 2 Page - NXP Semiconductors

  UAA3515A Datasheet HTML 1Page - NXP Semiconductors UAA3515A Datasheet HTML 2Page - NXP Semiconductors UAA3515A Datasheet HTML 3Page - NXP Semiconductors UAA3515A Datasheet HTML 4Page - NXP Semiconductors UAA3515A Datasheet HTML 5Page - NXP Semiconductors UAA3515A Datasheet HTML 6Page - NXP Semiconductors UAA3515A Datasheet HTML 7Page - NXP Semiconductors UAA3515A Datasheet HTML 8Page - NXP Semiconductors UAA3515A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2001 Dec 12
2
Philips Semiconductors
Product specification
900 MHz analog cordless telephone IC
UAA3515A
CONTENTS
1
FEATURES
1.1
Single frequency conversion FM receiver
1.2
Receiver baseband
1.3
Synthesizer
1.4
Transmitter
1.5
Transmitter baseband
1.6
Microcontroller interface
1.7
Power supplies
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Power supply and power management
7.1.1
Power supply
7.1.2
Power saving
7.1.3
Current consumption
7.2
FM receiver
7.2.1
Data comparator
7.3
Transmitter
7.4
Synthesizer
7.4.1
Calculation example
7.5
Receiver baseband
7.6
TX baseband
7.7
Voltage regulator
7.8
Low-battery detection
7.9
Microcontroller interface
7.9.1
Data registers
7.9.2
Active modes
7.9.3
Clock output divider
7.9.4
FM-PLL centre frequency
7.9.5
TX and RX gain control registers
7.9.6
Carrier detector threshold programming
7.9.7
Low-battery detection
7.9.8
Power amplifier output level
7.9.9
PLL charge pump current
7.9.10
Volume control
7.9.11
Crystal tuning capacitors
7.9.12
Voltage reference adjustment
7.9.13
Test mode
8
LIMITING VALUES
9
HANDLING
10
THERMAL CHARACTERISTICS
11
CHARACTERISTICS
12
PACKAGE OUTLINE
13
SOLDERING
13.1
Introduction to soldering surface mount
packages
13.2
Reflow soldering
13.3
Wave soldering
13.4
Manual soldering
13.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
14
DATA SHEET STATUS
15
DEFINITIONS
16
DISCLAIMERS


유사한 부품 번호 - UAA3515A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UAA3500 PHILIPS-UAA3500 Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3500HL PHILIPS-UAA3500HL Datasheet
83Kb / 16P
   Pager receiver
2000 Jan 18
UAA3522 PHILIPS-UAA3522 Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3522HL PHILIPS-UAA3522HL Datasheet
148Kb / 28P
   Low power dual-band GSM transceiver with an image rejecting front-end
2000 Feb 18
UAA3535 PHILIPS-UAA3535 Datasheet
118Kb / 24P
   Low power GSM/DCS/PCS multi-band transceiver
2000 Feb 17
More results

유사한 설명 - UAA3515A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Motorola, Inc
MC33411A MOTOROLA-MC33411A Datasheet
449Kb / 43P
   900 MHZ ANALOG CORDLESS PHONE BASEBAND WITH COMPANDER
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com