전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3842D 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 UC3842D
상세설명  Current-mode PWM controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UC3842D 데이터시트(HTML) 1 Page - NXP Semiconductors

  UC3842D Datasheet HTML 1Page - NXP Semiconductors UC3842D Datasheet HTML 2Page - NXP Semiconductors UC3842D Datasheet HTML 3Page - NXP Semiconductors UC3842D Datasheet HTML 4Page - NXP Semiconductors UC3842D Datasheet HTML 5Page - NXP Semiconductors UC3842D Datasheet HTML 6Page - NXP Semiconductors UC3842D Datasheet HTML 7Page - NXP Semiconductors UC3842D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
UC3842
Current-mode PWM controller
1100
August 31, 1994
853-0614 13721
DESCRIPTION
The UC3842 is available in an 8-Pin mini-DIP the necessary
features to implement off-line, fixed-frequency current-mode control
schemes with a minimal external parts count. This technique results
in improved line regulation, enhanced load response characteristics,
and a simpler, easier to design control loop. Topological advantages
include inherent pulse-by-pulse current limiting.
Protection circuitry includes built-in undervoltage lock-out and
current limiting. Other features include fully-latched operation, a 1%
trimmed bandgap reference, and start-up current less than 1mA.
These devices feature a totem-pole output designed to source and
sink high peak current from a capacitive load, such as the gate of a
power MOSFET. Consistent with N-channel power devices, the
output is low in the OFF-state.
FEATURES
Low start-up current (≤1mA)
Automatic feed-forward compensation
Pulse-by-pulse current limiting
Enhanced load response characteristics
Undervoltage lock-out with hysteresis
Double pulse suppression
High current totem-pole output
Internally-trimmed bandgap reference
400kHz operation, guaranteed min
PIN CONFIGURATIONS
N Package
D Package
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
14
13
12
11
10
9
COMP
NC
COMP
VFB
ISENSE
RT/CT
VFB
ISENSE
RT/CT
NC
NC
VREF
VCC
OUTPUT
GROUND
NC
VREF
VCC
OUTPUT
GROUND
VC
POWER GROUND
TOP VIEW
TOP VIEW
APPLICATIONS
Off-line switched mode power supplies
DC-to-DC converters UC3842
BLOCK DIAGRAM
NOTE:
Pin numbers in parentheses refer to the D package.
(12)7
(9)5
(7)4
(3)2
(1)1
(5)3
7(11)
8(14)
6(10)
5(8)
GND
COMP
CURRENT
SENSE
CURRENT
SENSE
COMPARATOR
PWM
LATCH
INTERNAL
BIAS
5V
REF
UVLO
34V
16V
OSC
ERROR
AMP
+
2R
R
1V
2.5V
5.0V
50mA
OUTPUT
6V
VREF
VCC
VFB
S/R
RT/CT
S
R


유사한 부품 번호 - UC3842D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UC3842D STMICROELECTRONICS-UC3842D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842D FAIRCHILD-UC3842D Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3842D TI-UC3842D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3842D TI-UC3842D Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842D TI1-UC3842D Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

유사한 설명 - UC3842D

제조업체부품명데이터시트상세설명
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com