전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5STP52U5200 데이터시트(PDF) 5 Page - ABB

부품명 5STP52U5200
상세설명  Phase Control Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

5STP52U5200 데이터시트(HTML) 5 Page - ABB

  5STP52U5200 Datasheet HTML 1Page - ABB 5STP52U5200 Datasheet HTML 2Page - ABB 5STP52U5200 Datasheet HTML 3Page - ABB 5STP52U5200 Datasheet HTML 4Page - ABB 5STP52U5200 Datasheet HTML 5Page - ABB 5STP52U5200 Datasheet HTML 6Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5STP 52U5200
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
Doc. No. 5SYA1042-02 Dec. 03
page 5 of 6
Fig. 6 Surge on-state current vs. pulse length. Half-
sine wave.
Fig. 7 Surge on-state current vs. number of pulses.
Half-sine wave, 10 ms, 50Hz.
I
GM
I
Gon
100 %
90 %
10 %
I
GM
≈ 2..5 A
I
Gon
≥ 1.5 I
GT
di
G/dt
≥ 2 A/µs
t
r
≤ 1 µs
t
p(IGM)
≈ 5...20 µs
di
G/dt
t
r
t
p (IGM)
I
G (t)
t
t
p (IGon)
Fig. 8 Recommended gate current waveform.
Fig. 9 Max. peak gate power loss.
Fig. 10 Recovery charge vs. decay rate of on-state
current.
Fig. 11 Peak reverse recovery current vs. decay rate
of on-state current.


유사한 부품 번호 - 5STP52U5200

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
5STP5 BEL-5STP5 Datasheet
99Kb / 2P
   Time-lag Fuse Series (Low Breaking Capacity)
5STP5-R BEL-5STP5-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
5STP500 BEL-5STP500 Datasheet
99Kb / 2P
   Time-lag Fuse Series (Low Breaking Capacity)
5STP500-R BEL-5STP500-R Datasheet
1Mb / 4P
   Time-lag Fuse Series
logo
ABB
5STP50Q1800 ABB-5STP50Q1800 Datasheet
523Kb / 6P
   Phase Control Thyristor
More results

유사한 설명 - 5STP52U5200

제조업체부품명데이터시트상세설명
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com