전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CPH3246 데이터시트(HTML) 3 Page - Sanyo Semicon Device

부품명 CPH3246
상세내용  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SANYO [Sanyo Semicon Device]
홈페이지  http://www.ssdc-jp.com/eng/
Logo 

CPH3246 데이터시트(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 3 / 4 page
background image
CPH3246
No. A0399-3/4
0.1
1.0
2
57
3
2
100
57
3
2
10
57
3
IT11001
5
3
3
1.0
3
5
7
2
7
10
5
5
7
IT11000
23
5
7
IT10999
IT10998
0.1
7
0.01
2
3
3
2
0.01
0.1
23
5
2
3
5
7 1.0
2
5
7
0.01
2
35
7
2
0.1
2
35
35
7 1.0
IC / IB=20
Ta=75
°C
25
°C
--2
C
75°C
Ta= --25°C
25°C
IC / IB=10
f=1MHz
0.01
2
7
5
3
100
2
7
5
3
23
23
57
0.1
23
5
7
1.0
VCE=10V
IT11002
0.001
0.01
3
2
5
7
2
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
7
23
5
7
2
1.0
35
7
2
10
35
7 100
0.1
IT11003
0.9
1.0
0.2
0
20
40
60
80
100
120
140
160
0
0.6
0.8
0.4
0.1
0.5
0.7
0.3
1ms
10ms
100ms
DC
operation
ICP=5A
IC=3A
<10µs
0.01
23
5
2
3
5
72
0.1
35
7 1.0
2
5
7
7
3
5
100
0.01
2
3
5
7
2
3
0.1
3
5
7
IT10996
IT10997
0.01
0.1
2
23
5
7
1.0
2
35
35
7
IC / IB=10
Ta=75
°C
--25
°C 25
°C
VCE=2V
Ta=75
°C
--25
°C
25
°C
fT -- IC
VCE(sat) -- IC
VBE(sat) -- IC
Cob -- VCB
A S O
PC -- Ta
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2!0.8mm)
hFE -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn