전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

KIC3210T-025 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

부품명 KIC3210T-025
상세내용  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

KIC3210T-025 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 2 / 5 page
background image
2006. 10. 24
2/5
KIC3210T-025 ~ KIC3210T-035
Revision No : 3
Pin Configuration
BYP
IN
ON/OFF
CONTROL
GND
OUT
123
4
5
No.
Symbol
Description
1
INPUT
Supply Input
2
GND
Ground
3
ON/OFF
CONTORL
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
4
BYP
Reference Bypass : Connect external 0.01 F
CBYP 1.0 F
capacitor to GND to reduce output noise. May be left open.
5
OUTPUT
Regulator Output
1
2
3
4
5
CIN=1.0µF
Ceramic
COUT=1.0µF
Ceramic
CBYP=0.01µF
ON/OFF
CONTROL
VIN
VOUT
Enable
Shutdown
ON/OFF CONTROL(Pin 3)
maybe connected directly
to VIN (pin1)
Application Circuit
Line up
Item
Output Voltage
Marking
Package
Item
Output Voltage
Marking
Package
KIC3210T-025
2.5V
25A
TSV
KIC3210T-030
3.0V
30A
TSV
KIC3210T-026
2.6V
26A
KIC3210T-031
3.1V
31A
KIC3210T-027
2.7V
27A
KIC3210T-032
3.2V
32A
KIC3210T-275
2.75V
27B
KIC3210T-033
3.3V
33A
KIC3210T-028
2.8V
28A
KIC3210T-034
3.4V
34A
KIC3210T-285
2.85V
28B
KIC3210T-035
3.5V
35A
KIC3210T-029
2.9V
29A


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn