전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC3210T-031 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIC3210T-031
상세설명  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-031 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIC3210T-031 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-031 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-031 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-031 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-031 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2006. 10. 24
2/5
KIC3210T-025 ~ KIC3210T-035
Revision No : 3
Pin Configuration
BYP
IN
ON/OFF
CONTROL
GND
OUT
123
4
5
No.
Symbol
Description
1
INPUT
Supply Input
2
GND
Ground
3
ON/OFF
CONTORL
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
4
BYP
Reference Bypass : Connect external 0.01 F
CBYP 1.0 F
capacitor to GND to reduce output noise. May be left open.
5
OUTPUT
Regulator Output
1
2
3
4
5
CIN=1.0µF
Ceramic
COUT=1.0µF
Ceramic
CBYP=0.01µF
ON/OFF
CONTROL
VIN
VOUT
Enable
Shutdown
ON/OFF CONTROL(Pin 3)
maybe connected directly
to VIN (pin1)
Application Circuit
Line up
Item
Output Voltage
Marking
Package
Item
Output Voltage
Marking
Package
KIC3210T-025
2.5V
25A
TSV
KIC3210T-030
3.0V
30A
TSV
KIC3210T-026
2.6V
26A
KIC3210T-031
3.1V
31A
KIC3210T-027
2.7V
27A
KIC3210T-032
3.2V
32A
KIC3210T-275
2.75V
27B
KIC3210T-033
3.3V
33A
KIC3210T-028
2.8V
28A
KIC3210T-034
3.4V
34A
KIC3210T-285
2.85V
28B
KIC3210T-035
3.5V
35A
KIC3210T-029
2.9V
29A


유사한 부품 번호 - KIC3210T-031

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3210T-031 KEC-KIC3210T-031 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
More results

유사한 설명 - KIC3210T-031

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com