전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4349-CZZ 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS4349-CZZ
상세설명  192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4349-CZZ 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS4349-CZZ Datasheet HTML 4Page - Cirrus Logic CS4349-CZZ Datasheet HTML 5Page - Cirrus Logic CS4349-CZZ Datasheet HTML 6Page - Cirrus Logic CS4349-CZZ Datasheet HTML 7Page - Cirrus Logic CS4349-CZZ Datasheet HTML 8Page - Cirrus Logic CS4349-CZZ Datasheet HTML 9Page - Cirrus Logic CS4349-CZZ Datasheet HTML 10Page - Cirrus Logic CS4349-CZZ Datasheet HTML 11Page - Cirrus Logic CS4349-CZZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
DS782F1
CS4349
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.(Note 1)
Notes: 1. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2. Any pin except supplies.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
VA
4.75
5.0
5.25
V
VA
3.14
3.3
3.46
V
Serial Audio Interface power
VLS
1.35
3.3
5.25
V
Control Interface power
VLC
3.14
3.3
5.25
V
Ambient Operating Temperature (Power Applied)
Commercial (-CZZ)
TA
-40
-
+85
°C
Automotive (-DZZ)
TA
-40
-
+105
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog power
VA
-0.3
6.0
V
Serial Audio Interface power
VLS
-0.3
6.0
V
Control Interface power
VLC
-0.3
6.0
V
Input Current
(Note 2)
Iin
-±10
mA
Digital Input Voltage
Serial Audio Interface
VIN-LS
-0.3
VLS+ 0.4
V
Control Interface
VIN-LC
-0.3
VLC+ 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C


유사한 부품 번호 - CS4349-CZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-BS CIRRUS-CS4340-BS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
CS4340-CZZ CIRRUS-CS4340-CZZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-DSZ CIRRUS-CS4340-DSZ Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CS4340-KS CIRRUS-CS4340-KS Datasheet
835Kb / 28P
   24-Bit, 96 kHz Stereo DAC for Audio?
More results

유사한 설명 - CS4349-CZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4398 CIRRUS-CS4398 Datasheet
767Kb / 46P
   120 dB, 192 kHz Multi-Bit DAC with Volume Control
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com