전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS49330 데이터시트(PDF) 4 Page - Cirrus Logic

부품명 CS49330
상세설명  Part Matrix vs. Code Matrix for AVR/Outboard Decoder-based Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49330 데이터시트(HTML) 4 Page - Cirrus Logic

  CS49330 Datasheet HTML 1Page - Cirrus Logic CS49330 Datasheet HTML 2Page - Cirrus Logic CS49330 Datasheet HTML 3Page - Cirrus Logic CS49330 Datasheet HTML 4Page - Cirrus Logic CS49330 Datasheet HTML 5Page - Cirrus Logic CS49330 Datasheet HTML 6Page - Cirrus Logic CS49330 Datasheet HTML 7Page - Cirrus Logic CS49330 Datasheet HTML 8Page - Cirrus Logic CS49330 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS4932X/CS49330
4
DS339AM3
DTS - DTS Digital Surrounddecoder with
Dolby Pro Logic decoder. This code features
+/-12dB Tone Control.
Note: Tone Control is implemented as individual bass
and treble control on the Left, Right, and Center
output channels.
DTS_6DOT1 - DTS-ES Extended Surround
Discrete 6.1 and Matrix 6.1 decoder.
DTS_CES - DTS Digital Surrounddecoder
with Dolby Pro Logic decoder. This code
features Crystal Extra Surroundwhich
enables a 6.1 or 7.1 channel output.
DTS_NEO6 - DTS Neo:6PCM Processing
Enhancement which accepts a 2 channel input
and outputs up to 6.1 discrete channels in either
a Music or Cinema mode. Fs of PCM input
must be 48kHz, 44.1kHz or 32kHz.
DTS_PL2 - DTS Digital Surrounddecoder
with Dolby Pro Logic II decoder.
DTS_PL2_REEQ - DTS Digital Surround
decoder with Dolby Pro Logic II decoder. This
code features user-programmable 2nd Order
IIR Biquads which are capable of offering Re-
EQfunctionality. Re-EQ coefficients are
NOT supplied by Cirrus Logic, Inc. Use of Re-
EQ technology requires a license from the THX
Division of Lucasfilm, Ltd.
DTSI - Internal Boot Assist (IBA) program for
loading DTS Digital Surround code from
internal ROM
Note: Please refer to AN163 for more detail regarding
the differences between IBA and Full Download
codes.
DTSR - DTS Virtual 5.1using SRS
TruSurround (DTS Digital Surround decoder +
SRS
TruSurround
Digital
5.1
Channel
Virtualizer Module). Offers ability to have
virtualized 5.1 channel output using only 2
speakers. The virtualizer can be disabled,
offering a full 5.1 channel output if desired.
DVDA_BASS_MGR - DVD Audio Bass
Manager
application
code
is
capable
performing advanced bass management for 2
channel 192kHz PCM audio data or 6 channel
96kHz PCM audio data. This code is designed
for an AVR that is “SACD Multichannel or
DVD Audio Ready” via high performance
(192kHz) A/Ds.
DPP - Crystal Digital Post-Processor 5.1
Channel Post-Processor features Tone Control,
Parametric EQ, and dual-precision bass
management. This code accepts a 5.1 channel
input to the CS493302-CL from the output of a
CS4932x Family DSP.
Note: Tone Control includes basic bass and treble
control for each full bandwidth channel. The
parametric EQ can not be changed after
kickstart. Delays are all channel.
DPP8 - Crystal Digital Post-Processor 7.1
Channel Post-Processor features Tone Control,
Parametric EQ, and dual-precision bass
management. This code accepts a 7.1 channel
input to the CS493302-CL from the output of a
CS4932x Family DSP.
®
®
Neo:6
®
®
[
®
®
[
®
®


유사한 부품 번호 - CS49330

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS49330 CIRRUS-CS49330 Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS49330 CIRRUS-CS49330 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS493302 CIRRUS-CS493302 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS493302-CL CIRRUS-CS493302-CL Datasheet
1Mb / 86P
   Multi-Standard Audio Decoder Family
CS493302-CL CIRRUS-CS493302-CL Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
More results

유사한 설명 - CS49330

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8390 PHILIPS-TDA8390 Datasheet
664Kb / 16P
   PAL DECODER AND RGB MATRIX
fEBRUARY 1989
logo
Tyco Electronics
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TP-SERIES MACOM-TP-SERIES Datasheet
460Kb / 7P
   Pushbutton Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-6 MACOM-2-1437561-6 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com