전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB5351 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CDB5351
상세설명  108 dB, 192 kHz, Multi-bit Audio A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5351 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CDB5351 Datasheet HTML 6Page - Cirrus Logic CDB5351 Datasheet HTML 7Page - Cirrus Logic CDB5351 Datasheet HTML 8Page - Cirrus Logic CDB5351 Datasheet HTML 9Page - Cirrus Logic CDB5351 Datasheet HTML 10Page - Cirrus Logic CDB5351 Datasheet HTML 11Page - Cirrus Logic CDB5351 Datasheet HTML 12Page - Cirrus Logic CDB5351 Datasheet HTML 13Page - Cirrus Logic CDB5351 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
DS565F2
CS5351
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V, all voltages with respect to ground. MCLK=12.288 MHz; Master Mode)
Notes: 7. Power Down Mode is defined as RST = Low with all clocks and data lines held static.
8. Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
DIGITAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current
VA = 5 V
(Normal Operation)
VL,VD = 5 V
VL,VD = 3.3 V
IA
ID
ID
-
-
-
17.5
22
14.5
21.5
27.5
17
mA
mA
mA
Power Supply Current
VA = 5 V
(Power-Down Mode) (Note 7)
VL,VD = 5 V
IA
ID
-
-
100
100
-
-
μA
μA
Power Consumption
(Normal Operation)
VA, VD, VL = 5 V
VA = 5 V, VL, VD = 3.3 V
(Power-Down Mode)
-
-
-
-
-
-
198
135
1
243
161
-
mW
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 8)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
2.5
25
0.01
-
-
-
V
k
Ω
mA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
5
15
0.01
-
-
-
V
k
Ω
mA
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VL)
VIH
70%
-
-
V
Low-Level Input Voltage
(% of VL)
VIL
--
30%
V
High-Level Output Voltage at Io = 100 μA(% of VL)
VOH
70%
-
-
V
Low-Level Output Voltage at Io = 100 μA(% of VL)
VOL
--
15%
V
OVFL Current Sink
Iovfl
--
4.0
mA
Input Leakage Current (all pins except SCLK and LRCK)
Iin
-10
-
10
μA
Input Leakage Current (SCLK and LRCK)
Iin
-25
-
25
μA
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
--
135
°C
Junction to Ambient Thermal Impedance
(Multi-layer PCB) TSSOP
(Multi-layer PCB) SOIC
(Single-layer PCB) TSSOP
(Single-layer PCB) SOIC
θJA-TM
θJA-SM
θJA-TS
θJA-SS
-
-
-
-
70
60
105
80
-
-
-
-
°C/W
°C/W
°C/W
°C/W


유사한 부품 번호 - CDB5351

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB5351 CIRRUS-CDB5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

유사한 설명 - CDB5351

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
   108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
   111 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
   101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
   114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
   120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
   105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
   105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
   105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com