전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5376A 데이터시트(PDF) 9 Page - Cirrus Logic

부품명 CS5376A
상세설명  Low-power, Multi-channel Decimation Filter
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A 데이터시트(HTML) 9 Page - Cirrus Logic

Back Button CS5376A_05 Datasheet HTML 5Page - Cirrus Logic CS5376A_05 Datasheet HTML 6Page - Cirrus Logic CS5376A_05 Datasheet HTML 7Page - Cirrus Logic CS5376A_05 Datasheet HTML 8Page - Cirrus Logic CS5376A_05 Datasheet HTML 9Page - Cirrus Logic CS5376A_05 Datasheet HTML 10Page - Cirrus Logic CS5376A_05 Datasheet HTML 11Page - Cirrus Logic CS5376A_05 Datasheet HTML 12Page - Cirrus Logic CS5376A_05 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
CS5376A
DS612F3
9
EEPROM.
Low power consumption.
-
37 mW for 4-channel operation at 500 SPS
(9.25 mW/channel).
-40
µW standby mode.
Flexible power supply configurations.
-
Separate digital logic core, telemetry I/O,
and modulator I/O power supplies.
-
Telemetry I/O and modulator I/O interfaces
operate from 3.3 V or 5 V.
-
Digital logic core operates from 3.0 V,
3.3 V or 5 V.
Small 64-pin TQFP package.
-
Total footprint 12 mm x 12 mm plus five
bypass capacitors.
1.4 Configuration Interface
Configuration from microcontroller or stand-
alone boot EEPROM.
-
Microcontroller boot permits reconfigura-
tion during operation.
-
EEPROM boot sets a fixed operational con-
figuration.
Configuration commands written through Seri-
al Peripheral Interface 1. (See Table 1)
-
Standardized microcontroller interface us-
ing SPI 1 registers. (See Table 3)
-
Commands write digital filter registers, fil-
ter coefficients, and test bit stream data.
-
Digital filter registers set hardware config-
uration options.


유사한 부품 번호 - CS5376A_05

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
More results

유사한 설명 - CS5376A_05

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
   Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
   LOW POWER MULTI CHANNEL DECIMATION FILTER
CS5378 CIRRUS-CS5378 Datasheet
1Mb / 86P
   Low-power Single-channel Decimation Filter
CS5378 CIRRUS-CS5378_08 Datasheet
1Mb / 88P
   Low-power Single-channel Decimation Filter
logo
Burr-Brown (TI)
DF1750 BURR-BROWN-DF1750 Datasheet
222Kb / 13P
   Dual Channel DIGITAL DECIMATION FILTER
logo
Unisonic Technologies
UT3222 UTC-UT3222_15 Datasheet
220Kb / 7P
   LOW POWER MULTI CHANNEL
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
logo
Cirrus Logic
CRD5381 CIRRUS-CRD5381 Datasheet
978Kb / 24P
   Audio A/D Converter w/ Asynchronous Decimation Filter Reference Design
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com