전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5201 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5201
상세설명  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5201 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5201 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5201 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image

Selection Guide–Package Styles and Lead Configuration Options
Package
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
1
2
4
2
Common Channel Wiring
None
VCC GND
VCC GND
None
Avago Technologies’Part Numbers and Options
Commercial
HCPL-5200
HCPL-5230
HCPL-6250
HCPL-6230
MIL-PRF-38534 Class H
HCPL-5201
HCPL-5231
HCPL-6251
HCPL-6231
MIL-PRF-38534 Class K
HCPL-520K
HCPL-523K
HCPL-625K
HCPL-623K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Solder Pads *
Solder Dipped*
Option 200
Option 200
Butt Joint/Gold Plate
Option 100
Option 100
Gull Wing/Soldered*
Option 300
Option 300
Class H SMD Part Number
Prescript for all below
5962-
5962-
5962-
5962-
Either Gold or Soldered
8876801PX
8876901PX
8876903FX
88769022X
Gold Plate
8876801PC
8876901PC
8876903FC
Solder Dipped*
8876801PA
8876901PA
88769022A
Butt Joint/Gold Plate
8876801YC
8876901YC
Butt Joint/Soldered*
8876801YA
8876901YA
Gull Wing/Soldered*
8876801XA
8876901XA
Class K SMD Part Number
Prescript for all below
5962-
5962-
5962-
5962-
Either Gold or Soldered
8876802KPX
8876904KPX
8876906KFX
8876905K2X
Gold Plate
8876802KPC
8876904KPC
8876906KFC
Solder Dipped*
8876802KPA
8876904KPA
8876905K2A
Butt Joint/Gold Plate
8876802KYC
8876904KYC
Butt Joint/Soldered*
8876802KYA
8876904KYA
Gull Wing/Soldered*
8876802KXA
8876904KXA
*Soldercontain�lead


유사한 부품 번호 - HCPL-5201

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5201 HP-HCPL-5201 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-100 HP-HCPL-5201-100 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-200 HP-HCPL-5201-200 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5201-300 HP-HCPL-5201-300 Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

유사한 설명 - HCPL-5201

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com