전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK4086LS 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 2SK4086LS
상세설명  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4086LS 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  2SK4086LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK4086LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK4086LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK4086LS Datasheet HTML 4Page - Sanyo Semicon Device 2SK4086LS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK4086LS
No. A0554-4/5
PW
<10µs
Operation in this area
is limited by RDS(on).
10
µs
100
µs
1ms
10ms
IDP=43A
DC
operation
100ms
IDc(*1)=11.5A
IDpack(*2)=7.9A
IT11752
IT11751
0
0
20
40
5
10
60
20
15
80
100
120
25
35
30
37
40
140
160
IT11731
IT11730
0
0
20
40
1.0
0.5
60
2.0
1.5
80
100
120
2.5
140
160
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
A S O
VGS -- Qg
PD -- Ta
PD -- Tc
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
IT10478
Ambient Temperature, Ta --
°C
0
0
2
4
6
8
40
10
10
20
30
VDS=200V
ID=11.5A
2
3
5
7
2
0.1
3
5
7
2
1.0
3
5
7
2
10
3
5
7
100
0.01
23
5 7
2
0.1
1.0
35 7
2
10
35 7
2
100
1000
35 7
Tc=25
°C
Single pulse
*1. Shows chip capability
*2. SANYO’s ideal heat dissipation condition


유사한 부품 번호 - 2SK4086LS

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK4086LS ISC-2SK4086LS Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK4086LS

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com