전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54531P 데이터시트(PDF) 2 Page - Mitsubishi Electric Semiconductor

부품명 M54531P
상세설명  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54531P 데이터시트(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54531P_99 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54531P_99 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54531P_99 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54531P_99 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54531P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V
µA
V
µA
V
V
VO
VIL
0
9
6
0
40
1
IC
VIH
0
0
400
200
35
mA
V
II
VCE (sat)
40
1000
1.3
1.0
1.1
2.0
1.4
3500
2.4
1.6
1.8
3.8
–20
2.4
100
V
mA
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
30
680
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
PG
50
CL
Measured device
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VP = 9VP-P
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
Parameter
Limits
min
typ
max
Symbol
Unit
Output voltage
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
Duty Cycle
P : no more than 8%
FP : no more than 6%
Duty Cycle
P : no more than 30%
FP : no more than 25%
“L” input voltage
“H” input voltage
IC
≤ 400mA
IC
≤ 200mA
ICEO = 100
µA
VI = 9V, IC = 400mA
VI = 6V, IC = 200mA
VI = 18V
VI = 35V
VI = –35V
IF = 400mA
VR = 40V
VCE = 4V, IC = 300mA, Ta = 25
°C
Collector-emitter breakdown voltage
Input reverse current
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
Collector-emitter saturation voltage
Input current
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V (BR) CEO
IIR
VF
IR
hFE
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
CL = 15pF (note 1)
ton
toff
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT


유사한 부품 번호 - M54531P_99

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

유사한 설명 - M54531P_99

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P Datasheet
102Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P Datasheet
112Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522P MITSUBISHI-M54522P_11 Datasheet
120Kb / 4P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54522WP MITSUBISHI-M54522WP Datasheet
230Kb / 5P
   8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54519P MITSUBISHI-M54519P Datasheet
84Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com