전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M54566P 데이터시트(PDF) 4 Page - Mitsubishi Electric Semiconductor

부품명 M54566P
상세설명  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54566P 데이터시트(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54566P_99 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54566P_99 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54566P_99 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54566P_99 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54566P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
Input Characteristics
Supply voltage-Input voltage VCC–VI (V)
0
–0.4
–0.2
–0.6
–0.8
–1.0
0
1
234
5
Vcc = 8V
Ta = 75°C
Ta = 25°C
Ta = –20°C
Grounded Emitter Transfer Characteristics
Supply voltage-Input voltage VCC–VI (V)
0
200
100
300
400
0
0.4
0.8
1.2
1.6
Vcc = 4V
VCE = 4V
Ta = 75°C
Ta = 25°C
Ta = –20°C
Supply Current Characteristics
Supply voltage VCC (V)
0
2
1
3
4
5
0
2
468
10
VI = 0V
Ta = 75°C
Ta = 25°C
Ta = –20°C
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
101
103
Vcc = 4V
VCE = 4V
Ta = 25°C
Ta = 75°C
Ta = –20°C
5
3
2
7
5
3
2
7
104
103
102
23
5 7
23
5
7
102


유사한 부품 번호 - M54566P_99

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54566P MITSUBISHI-M54566P Datasheet
95Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results

유사한 설명 - M54566P_99

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54519P MITSUBISHI-M54519P Datasheet
84Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54566DP MITSUBISHI-M54566DP Datasheet
163Kb / 5P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
logo
Sharp Corporation
IR2403 SHARP-IR2403 Datasheet
64Kb / 2P
   7- UNIT 400MA DARLINGTON TRANSISTOR ARRAY
logo
Mitsubishi Electric Sem...
M54566P MITSUBISHI-M54566P Datasheet
95Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531P MITSUBISHI-M54531P_99 Datasheet
73Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54531WP MITSUBISHI-M54531WP Datasheet
67Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54530P MITSUBISHI-M54530P_99 Datasheet
75Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com