전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF0400BA02520S 데이터시트(PDF) 2 Page - Integrated Circuit Systems

부품명 SF0400BA02520S
상세설명  400 MHz IF SAW Filter 160 KHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0400BA02520S 데이터시트(HTML) 2 Page - Integrated Circuit Systems

  SF0400BA02520S Datasheet HTML 1Page - Integrated Circuit Systems SF0400BA02520S Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
400 MHz IF SAW Filter
160 KHz Bandwidth
Part Number:
SF0400BA02520S
ICS
• SAW Products • 324 Clark Street, Worcester, MA 01606, USA • Phone 1-508-852-5400 • Fax 1-508-852-8456
www.icst.com
Integrated
Circuit
Systems, Inc.
All specifications are believed to be accurate and reliable. However, ICS reserves the right to make changes without notice.
QF12/3
© 2005 Integrated Circuit Systems, Inc. All rights reserved.
Rev X1 12-May-05
SUGGESTED PCB FOOTPRINT
5 X 5 MM, SMP
7X 1.34
5.25
1.27
2.21
5.25
.75
8
1
2
3
4
5
6
7
8
1
2
3
7
6
5
TEST CIRCUIT
C1:
2.7 pF
L0:
27 nH
C2:
2.7 pF
L1:
27 nH
L2:
47H
PACKAGE OUTLINE AND RECOMMENDED PCB FOOTPRINT


유사한 부품 번호 - SF0400BA02520S

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
More results

유사한 설명 - SF0400BA02520S

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
SF0400BA02520S APITECH-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02520S SPECTRUM-SF0400BA02520S Datasheet
204Kb / 4P
   400 MHz SAW Filter 300 KHz bandwidth
logo
Oscilent Corporation
821-SL20.0M-02A OSCILENT-821-SL20.0M-02A Datasheet
248Kb / 8P
   20.0 MHz IF SAW Filter 241 kHz Bandwidth
logo
Transko Electronics, In...
TL071001AV1 TRANSKO-TL071001AV1 Datasheet
611Kb / 4P
   71.00 MHz IF SAW Filter / 95.00 kHz Bandwidth
Revision 0: 08 Nov. 2011
TL071014AV1 TRANSKO-TL071014AV1 Datasheet
624Kb / 4P
   71.00 MHz IF SAW Filter / 135.00 kHz Bandwidth
Revision 0: 13 Oct. 2011
TL133002AS TRANSKO-TL133002AS Datasheet
436Kb / 3P
   133.2 MHz IF SAW Filter / 430 kHz Bandwidth
Revision 1: 19 Mar. 2010
TL071001BV1 TRANSKO-TL071001BV1 Datasheet
603Kb / 4P
   71.00 MHz IF SAW Filter / 61.00 kHz Bandwidth
Revision 0: 29 Nov. 2011
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
   71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
logo
Oscilent Corporation
807-SL133.2M-02A OSCILENT-807-SL133.2M-02A Datasheet
181Kb / 5P
   133.2 MHz IF SAW Filter 430 KHz Bandwidth
logo
API Technologies Corp
SF0160BA02299S APITECH-SF0160BA02299S Datasheet
167Kb / 3P
   160 MHz SAW Filter 9.5 MHz Bandwidth
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com