전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M63813P 데이터시트(PDF) 5 Page - Mitsubishi Electric Semiconductor

부품명 M63813P
상세설명  7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63813P 데이터시트(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M63813P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63813P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63813P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63813P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63813P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Jan. 2000
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M63813P/FP/GP/KP
7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
Clamping Diode Characteristics
Forward bias voltage VF (V)
50
40
30
20
10
0
250
200
150
100
50
0
250
200
150
100
50
0
0
0.4
0.8
1.2
1.6
2.0
0
0.4
0.8
1.2
1.6
2.0
Ta = 25
°C
Ta = 85
°C
Ta = –40
°C
01
2
3
4
5
VCE = 4V
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
Ta = 85
°C
Ta = 25
°C
Ta = –40
°C
VCE = 4V


유사한 부품 번호 - M63813P

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M63812FP MITSUBISHI-M63812FP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812GP MITSUBISHI-M63812GP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812KP MITSUBISHI-M63812KP Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63814FP MITSUBISHI-M63814FP Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
More results

유사한 설명 - M63813P

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M63814P MITSUBISHI-M63814P Datasheet
71Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63812P MITSUBISHI-M63812P Datasheet
72Kb / 5P
   7-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63817P MITSUBISHI-M63817P Datasheet
77Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63815P MITSUBISHI-M63815P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63816P MITSUBISHI-M63816P Datasheet
78Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY WITH CLAMP DIODE
M63803P MITSUBISHI-M63803P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63802P MITSUBISHI-M63802P Datasheet
60Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M63804P MITSUBISHI-M63804P Datasheet
55Kb / 4P
   7-UNIT 300mA TRANSISTOR ARRAY
M54531P MITSUBISHI-M54531P Datasheet
101Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com