전자부품 데이터시트 검색엔진 |
|
CS8420 데이터시트(PDF) 5 Page - Cirrus Logic |
|
CS8420 데이터시트(HTML) 5 Page - Cirrus Logic |
5 / 94 page DS245F4 5 CS8420 Figure 35.Consumer Input Circuit ............................................................................................................. 80 Figure 36.TTL/CMOS Input Circuit ............................................................................................................ 80 Figure 37.Channel Status Data Buffer Structure ....................................................................................... 81 Figure 38.Channel Status Block Handling When Fso is Not Equal to Fsi ................................................. 82 Figure 39.Flowchart for Reading the E Buffer ........................................................................................... 82 Figure 40.Flowchart for Writing the E Buffer ............................................................................................. 83 Figure 41.PLL Block Diagram ................................................................................................................... 87 Figure 42.Recommended Layout Example ............................................................................................... 88 Figure 43.Jitter Tolerance Template ......................................................................................................... 90 Figure 44.Revision D Jitter Attenuation ..................................................................................................... 90 Figure 45.Revision D1 Jitter Attenuation ................................................................................................... 90 LIST OF TABLES Table 1. Minimizing Group Delay Through Multiple CS8420s When Locking to RXP/RXN ...................... 28 Table 2. Minimizing Group Delay Through Multiple CS8420s When Locking to ILRCK ........................... 28 Table 3. Non-SRC Delay ........................................................................................................................... 29 Table 4. Summary of all Bits in the Control Register Map ........................................................................ 33 Table 5. Hardware Mode Definitions ......................................................................................................... 55 Table 6. Serial Audio Output Formats Available in Hardware Mode ......................................................... 55 Table 7. Serial Audio Input Formats Available in Hardware Mode ............................................................ 55 Table 8. Hardware Mode 1 Start-Up Options ............................................................................................ 56 Table 9. HW Mode 2A COPY/C and ORIG/U Pin Function ...................................................................... 60 Table 10. HW Mode 2 Serial Audio Port Format Selection ....................................................................... 60 Table 11. Hardware Mode 2 Start-Up Options .......................................................................................... 60 Table 12. Hardware Mode 3 Start-Up Options .......................................................................................... 64 Table 13. Hardware Mode 4 Start-Up Options .......................................................................................... 68 Table 14. Hardware Mode 5 Start-Up Options .......................................................................................... 71 Table 15. HW 6 COPY/C and ORIG Pin Function ....................................................................................75 Table 16. HW 6 Serial Port Format Selection ........................................................................................... 75 Table 17. Second Line Part Marking ......................................................................................................... 88 Table 18. Locking to RXP/RXN - Fs = 8 to 96 kHz ................................................................................... 89 Table 19. Locking to RXP/RXN - Fs = 32 to 96 kHz* ................................................................................ 89 Table 20. Locking to the ILRCK Input ....................................................................................................... 89 |
유사한 부품 번호 - CS8420_07 |
|
유사한 설명 - CS8420_07 |