전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB42518 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CDB42518
상세설명  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42518 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CDB42518 Datasheet HTML 3Page - Cirrus Logic CDB42518 Datasheet HTML 4Page - Cirrus Logic CDB42518 Datasheet HTML 5Page - Cirrus Logic CDB42518 Datasheet HTML 6Page - Cirrus Logic CDB42518 Datasheet HTML 7Page - Cirrus Logic CDB42518 Datasheet HTML 8Page - Cirrus Logic CDB42518 Datasheet HTML 9Page - Cirrus Logic CDB42518 Datasheet HTML 10Page - Cirrus Logic CDB42518 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
DS584F1
7
CS42518
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25° C.)
SPECIFIED OPERATING CONDITIONS
(AGND=DGND=0, all voltages with respect to ground; OMCK=12.288 MHz; Master Mode)
ABSOLUTE MAXIMUM RATINGS
(AGND = DGND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
Notes:
1.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
2.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog
Digital
Serial Port Interface
Control Port Interface
VA / VARX
VD
VLS
VLC
4.75
3.13
1.8
1.8
5.0
3.3
5.0
5.0
5.25
5.25
5.25
5.25
V
V
V
V
Ambient Operating Temperature (power applied)
CS42518-CQZ
CS42518-DQZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog
Digital
Serial Port Interface
Control Port Interface
VA / VARX
VD
VLS
VLC
-0.3
-0.3
-0.3
-0.3
6.0
6.0
6.0
6.0
V
V
V
V
Input Current
(Note 1)
Iin
-±10
mA
Analog Input Voltage
(Note 2)
VIN
AGND-0.7
VA+0.7
V
Digital Input Voltage
Serial Port Interface
(Note 2)
Control Port Interface
S/PDIF interface
VIND-S
VIND-C
VIND-SP
-0.3
-0.3
-0.3
VLS+ 0.4
VLC+ 0.4
VARX+0.4
V
V
V
Ambient Operating Temperature(power applied)
CS42518-CQZ
CS42518-DQZ
TA
TA
-20
-50
+85
+95
°C
°C
Storage Temperature
Tstg
-65
+150
°C


유사한 부품 번호 - CDB42518

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB42518 CIRRUS-CDB42518 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CDB42518 CIRRUS-CDB42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CDB42518 CIRRUS-CDB42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results

유사한 설명 - CDB42518

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com