전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS44600-DQZ 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS44600-DQZ
상세설명  6-Channel Digital Amplifier Controller
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44600-DQZ 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS44600-DQZ Datasheet HTML 4Page - Cirrus Logic CS44600-DQZ Datasheet HTML 5Page - Cirrus Logic CS44600-DQZ Datasheet HTML 6Page - Cirrus Logic CS44600-DQZ Datasheet HTML 7Page - Cirrus Logic CS44600-DQZ Datasheet HTML 8Page - Cirrus Logic CS44600-DQZ Datasheet HTML 9Page - Cirrus Logic CS44600-DQZ Datasheet HTML 10Page - Cirrus Logic CS44600-DQZ Datasheet HTML 11Page - Cirrus Logic CS44600-DQZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
8
DS633F1
CS44600
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to ground)
Notes:
1.
When using external crystal, VDX = 3.14 V(min). When using clock signal input, VDX = 2.37 V(min).
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation
is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the input pins will not cause SCR latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply
Digital
2.5 V
VD
2.37
2.5
2.63
V
XTAL (Note 1)
2.5 V
3.3 V
5.0 V
VDX
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
PWM Interface
3.3 V
5.0 V
VDP
3.14
4.75
3.3
5.0
3.47
5.25
V
V
Serial Audio Interface
2.5 V
3.3 V
5.0 V
VLS
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
Control Interface
2.5 V
3.3 V
5.0 V
VLC
2.37
3.14
4.75
2.5
3.3
5.0
2.63
3.47
5.25
V
V
V
Ambient Operating Temperature
Commercial
-CQZ
Automotive
-DQZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Digital
XTAL
PWM Interface
Serial Audio Interface
Control Interface
VD
VDX
VDP
VLS
VLC
-0.3
-0.3
-0.3
-0.3
-0.3
3.5
6.0
6.0
6.0
6.0
V
V
V
V
V
Input Current
(Note 2)
Iin
-±10
mA
Digital Input Voltage
PWM Interface
(Note 3)
Serial Audio Interface
Control Interface
VIND-PWM
VIND-S
VIND-C
-0.3
-0.3
-0.3
VDP+0.4
VLS+0.4
VLC+0.4
V
V
V
Ambient Operating Temperature
-CQ
(power applied)
-DQ
TA
-20
-50
+85
+95
°C
°C
Storage Temperature
Tstg
-65
+150
°C


유사한 부품 번호 - CS44600-DQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS44600-DQZ CIRRUS-CS44600-DQZ Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CS44600-DQZR CIRRUS-CS44600-DQZR Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
More results

유사한 설명 - CS44600-DQZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
CS44800 CIRRUS-CS44800 Datasheet
700Kb / 81P
   8-Channel Digital Amplifier Controller
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
logo
Texas Instruments
TAS5186 TI-TAS5186 Datasheet
349Kb / 17P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176 Datasheet
757Kb / 25P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5176 TI-TAS5176_15 Datasheet
553Kb / 24P
[Old version datasheet]   6-Channel, 100-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A Datasheet
495Kb / 18P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
TAS5186A TI-TAS5186A_15 Datasheet
667Kb / 21P
[Old version datasheet]   6-Channel, 210-W, Digital-Amplifier Power Stage
logo
ON Semiconductor
CAT4026 ONSEMI-CAT4026_11 Datasheet
330Kb / 14P
   6-Channel LED Controller
May, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com