전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5571 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC5571
상세설명  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC5571 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC5571_07 Datasheet HTML 4Page - Texas Instruments DAC5571_07 Datasheet HTML 5Page - Texas Instruments DAC5571_07 Datasheet HTML 6Page - Texas Instruments DAC5571_07 Datasheet HTML 7Page - Texas Instruments DAC5571_07 Datasheet HTML 8Page - Texas Instruments DAC5571_07 Datasheet HTML 9Page - Texas Instruments DAC5571_07 Datasheet HTML 10Page - Texas Instruments DAC5571_07 Datasheet HTML 11Page - Texas Instruments DAC5571_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
Time (1 s/div)
CLK (5V/div)
V
OUT (1V/div)
Full−Scale Code Change
FF
H to 00H
Output Loaded with
2k
and 200pF to GND
µ
Time (1 s/div)
CLK (5V/div)
V
OUT (1V/div)
Half−Scale Code Change
40
H to C0H
Output Loaded with
2 k
and 200 pF to GND
µ
T ime (
s/d iv )
C LK (5 V /div)
V
O U T (1 V /d iv )
H alf−S ca le C o de C ha nge
C 0
H to 40 H
O utpu t Lo ad ed w ith
2k
Ω and 200pF to GND
1m
1
µ
Time (20
µs/div)
Loaded with 2k
Ω to V
DD.
V
DD (1V/div)
V
OUT (1V/div)
Tim e (0 .5 s/div )
Loa ded w ith 2 k
and 2 00p F to G N D .
C od e C ha nge :
80
H t o 7 FH
µ
Time (5
µs/div)
CLK (5V/div)
V
OUT (1V/div)
DAC5571
SLAS405A – DECEMBER 2003 – REVISED AUGUST 2005
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
FULL-SCALE SETTLING TIME
HALF-SCALE SETTLING TIME
Figure 15.
Figure 16.
HALF-SCALE SETTLING TIME
POWER-ON RESET TO 0V
Figure 17.
Figure 18.
EXITING POWER DOWN
CODE CHANGE GLITCH
(80HLoaded)
Figure 19.
Figure 20.
8


유사한 부품 번호 - DAC5571_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI1-DAC5571IDBVR Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVRG4 TI1-DAC5571IDBVRG4 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVT TI-DAC5571IDBVT Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVT TI1-DAC5571IDBVT Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC5571_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI1-DAC7571_15 Datasheet
1Mb / 27P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE (RECEIVE ONLY), VOLTAGE OUTPUT,12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7571 TI-DAC7571 Datasheet
766Kb / 21P
[Old version datasheet]   2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com