전자부품 데이터시트 검색엔진 |
|
WNCR 데이터시트(PDF) 2 Page - Welwyn Components Limited |
|
WNCR 데이터시트(HTML) 2 Page - Welwyn Components Limited |
2 / 2 page Chip Resistor Arrays WNCR Series © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com 81 Issue B · 03.02 Welwyn Components Performance Data Typical Performance Short term overload ∆R% 2.5 Resistance to solder heat ∆R% 2.0 Temperature cycling ∆R% 2.0 Moisture load life: 1000 hrs at 40°C ∆R% 3.0 Load life: 1000 hrs at 70°C ∆R% 3.0 Low temperature exposure: 1000 hrs at -55°C ∆R% 3.0 High temperature exposure: 1000 hrs at 125°C ∆R% 3.0 Humidity exposure: 1000 hrs at 40°C ∆R% 3.0 Power Rating For ambient temperature above 70°C, the power shall be derated as follows: Ambient Temperature (oC) Percent of Rated Wattage (%) 1/16 watt / resistor at 70oC t A B 2.0 ± 0.05 2.0 ± 0.05 1.75 ± 0.1 2.75 4.0 ± 0.1 4.0 ± 0.1 Ø 1.5 +0.1 -0 3.5 ± 0.05 Packaging Taping Characteristics (mm) Packaging Resistor arrays are supplied tape and reel. Quantity 5,000 pcs per reel. At B WNCR 2.0 +0.1 0.8 3.75 +0.1 -0.15 ±0.2 -0.15 |
유사한 부품 번호 - WNCR |
|
유사한 설명 - WNCR |