전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMB0480XXRH8 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 AMB0480XXRH8
상세설명  ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

AMB0480XXRH8 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button AMB0480XXRH8 Datasheet HTML 6Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 7Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 8Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 9Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 10Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 11Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 12Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 13Page - Integrated Device Technology AMB0480XXRH8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
COMMERCIALTEMPERATURERANGE
IDTAMB0480
ADVANCEDMEMORYBUFFERFORFULLYBUFFEREDDIMM
PIN DESCRIPTION
Signal
Type
Description
Channel Interface
PN[13:0]
O
Northbound Output Data: High speed serial signal. Read path from AMB toward host on primary side of the DIMM connector.
PN[13:0]
O
Northbound Output Data Complement
SN[13:0]
I
Northbound Input Data: High speed serial signal. Read path from the previous AMB toward this AMB on secondary side of the DIMM
connector.
SN[13:0]
I
Northbound Input Data Complement
PS[9:0]
I
Southbound Input Data: High speed serial signal. Write path from host toward AMB on primary side of the DIMM connector.
PS[9:0]
I
Southbound Input Data Complement
SS[9:0]
O
Southbound Output Data: High speed serial signal. Write path from this AMB toward next AMB on secondary side of the DIMM connector.
These output buffers are disabled for the last AMB on the channel.
SS[9:0]
O
Southbound Output Data Complement
FBDRES
A
External 100
ΩprecisionresistorconnectedtoVCC.On-dieterminationcalibratedagainstthisresistor.
DRAM Interface
CB[7:0]
I/O
Check bits
DQ[63:0]
I/O
Data
DQS[17:0]
I/O
Data Strobe: DDR2 data and check-bit strobe.
DQS[17:0]
I/O
Data Strobe Complement: DDR2 data and check-bit strobe complements.
A0A-A15A,
O
Address: Used for providing multiplexed row and column address to SDRAM.
A0B-A15B
BA0A-BA2A,
O
Bank Active: Used to select the bank within a rank.
BA0B-BA2B
RASA, RASB
O
Row Address Strobe: Used with
CS, CAS, and WE to specify the SDRAM command.
CASA, CASB
O
Column Address Strobe: Used with
CS, RAS, and WE to specify the SDRAM command.
WEA, WEB
O
Write Enable: Used with
CS, CAS, and RAS to specify the SDRAM command.
CS0A-CS1A,
O
Chip Select: Used with
CAS, RAS, and WE to specify the SDRAM command. These signals are used for selecting one of two SDRAM
ranks.
CS0 is used to select the first rank and CS1 is used to select the second rank.
CKE0A-CKE1A,
O
Clock Enable: DIMM command register enable.
CKE0B-CKE1B
ODT0A, ODT0B
O
DIMM On-Die-Termination: Dynamic ODT enables for each DIMM on the channel.
CLK[3:0]
O
Clock: Clocks to DRAMs. CLK0 and CLK1 are always used. CLK2 and CLK3 are used when the AMB is configured for dual rank DIMMs.
CLK[3:0]
O
Clock Complement: Clocks to DRAMs.
DDR Compensation
DDRC_C14
A
DDR Compensation Common: Common return (ground) pin for DDRC_B18 and DDRC_C18
DDRC_B18
A
DDR Compensation Ball Resistor (825
Ω)connectedtoCompensationCommonabove
DDRC_C18
A
DDR Compensation Ball Resistor (121
Ω)connectedtoCompensationCommonabove
DDRC_B12
A
DDR Compensation Ball Resistor (82
Ω)connectedto VSS
DDRC_C12
A
DDR Compensation Ball Resistor (82
Ω)connectedtoVDD
CS0B-CS1B


유사한 부품 번호 - AMB0480XXRH8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
AMB0480XXRH8 RENESAS-AMB0480XXRH8 Datasheet
419Kb / 16P
   ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
APRIL 2006
More results

유사한 설명 - AMB0480XXRH8

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
IDTAMB0480 RENESAS-IDTAMB0480 Datasheet
419Kb / 16P
   ADVANCED MEMORY BUFFER FOR FULLY BUFFERED DIMM MODULES
APRIL 2006
logo
Elpida Memory
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com