전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISB-E48-0 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 ISB-E48-0
상세설명  Ultrathin Miniature Package Charger Circuit Voltage Sensor 3 P-channel MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ISB-E48-0 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  ISB-E48-0 Datasheet HTML 1Page - Sanyo Semicon Device ISB-E48-0 Datasheet HTML 2Page - Sanyo Semicon Device ISB-E48-0 Datasheet HTML 3Page - Sanyo Semicon Device ISB-E48-0 Datasheet HTML 4Page - Sanyo Semicon Device ISB-E48-0 Datasheet HTML 5Page - Sanyo Semicon Device ISB-E48-0 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISB-E48-0, ISB-E48-1
No.0006-3/6
Package Dimensions
unit : mm
Pin Assignments Diagram
3.2
0.75
0.65
0.65
1.6
0.6750.675
0.275
12
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.3
0.3
0.23
0.23
0.3
R0.25
0.5
MIN
0.1
1
TR1, 2
Drain
TR1, 2
Drain
TR2, 3
Source
TR3
Drain
TR3
Drain
5
6
TR1, 2
Drain
TR1, 2
Drain
TR2, 3
Gate
TR3
Drain
TR3
Drain
10
11
TR1, 2
Drain
TR1, 2
Drain
TR1
Gate
TR3
Drain
TR3
Drain
15
16
TR1, 2
Drain
TR1, 2
Drain
IC VIN
TR1 Source
IC VIN
TR1 Source
IC GND
20
21
TR1, 2
Drain
TR1, 2
Drain
IC VIN
TR1 Source
IC VIN
TR1 Source
IC VOUT
25
(Bottom view)
1
6
11
16
21
5
10
15
20
25


유사한 부품 번호 - ISB-E48-0

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
   Ultrathin Miniature Package 4-channel N-channel MOSFET Array
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
   Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
More results

유사한 설명 - ISB-E48-0

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
ISB-A40-0 SANYO-ISB-A40-0 Datasheet
62Kb / 4P
   Ultrathin Miniature Package Reverse-Current Flow Prevention for a Cell Phone Charger Circuit SBD횞4
ISB-A27-0 SANYO-ISB-A27-0 Datasheet
68Kb / 4P
   Ultrathin Miniature Package 4-channel N-channel MOSFET Array
SR10000 SANYO-SR10000 Datasheet
82Kb / 8P
   Ultrathin Miniature Package 1-channel Step-up DC/DC Converter ICs
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Bruckewell Technology L...
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
   20V P-Channel MOSFETs
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
First Silicon Co., Ltd
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
   30V P-Channel MOSFETs
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
   20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
   20V P-Channel MOSFETs
FTK0976DFN56 FS-FTK0976DFN56 Datasheet
1Mb / 5P
   100V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com