전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA42351 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA42351
상세설명  Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42351 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA42351 Datasheet HTML 1Page - Sanyo Semicon Device LA42351 Datasheet HTML 2Page - Sanyo Semicon Device LA42351 Datasheet HTML 3Page - Sanyo Semicon Device LA42351 Datasheet HTML 4Page - Sanyo Semicon Device LA42351 Datasheet HTML 5Page - Sanyo Semicon Device LA42351 Datasheet HTML 6Page - Sanyo Semicon Device LA42351 Datasheet HTML 7Page - Sanyo Semicon Device LA42351 Datasheet HTML 8Page - Sanyo Semicon Device LA42351 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
92706 / 83005 MS PC B8-9060 No.A0078-1/9
LA42352
Overview
LA42352 is 5W 2-channel AF power amplifier with DC volume control intended for televisions.
LA42000 series is power IC which made Pin compatible possible altogether in 3 to 15W. They consist of four kinds of power
ICs. (mono, stereo, mono with volume function, stereo with volume function.). They realized PCB layout communalization
of an audio power block of TV.
Channel
PO
Mono
Stereo
Volume
LA42051
5W
°
LA42052
5W
°
LA42351
5W
°
°
LA42352
5W
°
°
LA42071
7W
°
LA42072
7W
°
LA42152
15W
°
Feature
• PO 5W×2ch (VCC = 18V, RL = 8Ω, THD = 10%)
• Built-in DC Volume Control.
• Built-in Standby function.
• Built-in overheat protection.
Ordering number : ENA0078
Monolithic Linear IC
5W 2-Channel AF Power Amplifier
With DC Volume Control
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


유사한 부품 번호 - LA42351

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA42351 SANYO-LA42351 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
LA42351 SANYO-LA42351 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
More results

유사한 설명 - LA42351

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com