전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA75710VA 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LA75710VA
상세설명  Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75710VA 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LA75710VA Datasheet HTML 2Page - Sanyo Semicon Device LA75710VA Datasheet HTML 3Page - Sanyo Semicon Device LA75710VA Datasheet HTML 4Page - Sanyo Semicon Device LA75710VA Datasheet HTML 5Page - Sanyo Semicon Device LA75710VA Datasheet HTML 6Page - Sanyo Semicon Device LA75710VA Datasheet HTML 7Page - Sanyo Semicon Device LA75710VA Datasheet HTML 8Page - Sanyo Semicon Device LA75710VA Datasheet HTML 9Page - Sanyo Semicon Device LA75710VA Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LA75710VA
No.A0356-9/10
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
21
AFT OUTPUT
AFT output.
AFT center voltage is generated by an external
bleeder.
The AFT gain is increased by increasing the
resistance of this external bleeder resister.
R
≥ 22kΩ
C = 0.1
µF
22
SIF BPF OUTPUT
The output to the external bandpass filter is passed
through an internal 6dB amplifier before being
output.
23
AUDIO OUTPUT
Audio FM detector output. A 54K
Ω resister is
inserted in series with an emitter-follower output.
For applications that support mono:
Create an external deemphasis circuit.
t = C 1
×R1
24
AUDIO BIAS FILTER
Connection for a filter used to hold the FM detector
output DC voltage fixed. Normally, a 1
µF electrolytic
capacitor should be used. The capacitance should
be increased if the low band (around 50Hz)
frequency characteristics need to be improved.
The FM detector output level can be reduced and the
FM dynamic range can be increased by inserting a
resistor and a capacitor in series between pin 24 and
GND.


유사한 부품 번호 - LA75710VA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA7570 SANYO-LA7570 Datasheet
274Kb / 11P
   TV,VTR IF Signal Processor (Super Split PLL VIFSIF)
LA7575 SANYO-LA7575 Datasheet
372Kb / 16P
   Super-split, PLL-II Video and Sound IF Signal Processor
LA7577 SANYO-LA7577 Datasheet
439Kb / 16P
   Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
LA7577N SANYO-LA7577N Datasheet
439Kb / 16P
   Super-split PLL-II VIF and SIF IF Signal Processor for TV/VTRs
LA7578N SANYO-LA7578N Datasheet
253Kb / 18P
   IF Signal Processing (Super PLL-II VIF SIF) Circuit for TVs and VCRs
More results

유사한 설명 - LA75710VA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
logo
Panasonic Semiconductor
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
logo
Sanyo Semicon Device
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com