전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11691 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LB11691
상세설명  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LB11691 Datasheet HTML 1Page - Sanyo Semicon Device LB11691 Datasheet HTML 2Page - Sanyo Semicon Device LB11691 Datasheet HTML 3Page - Sanyo Semicon Device LB11691 Datasheet HTML 4Page - Sanyo Semicon Device LB11691 Datasheet HTML 5Page - Sanyo Semicon Device LB11691 Datasheet HTML 6Page - Sanyo Semicon Device LB11691 Datasheet HTML 7Page - Sanyo Semicon Device LB11691 Datasheet HTML 8Page - Sanyo Semicon Device LB11691 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LB11691
No.A0879-2/21
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
IN pin application voltage
VIN max
IN1, IN2, and IN3 pins
V5+0.3
V
RES pin application voltage
VRES max
V5+0.3
V
TOC pin application voltage
VTOC max
V5+0.3
V
HSEL pin application voltage
VHSEL max
V5+0.3
V
F/R pin application voltage
VFR max
V5+0.3
V
EI+ pin application voltage
VEI+ max
V5+0.3
V
EI- pin application voltage
VEI- max
V5+0.3
V
RC pin application voltage
VRC max
V5+0.3
V
FV pin application voltage
VFV max
V5+0.3
V
HP pin application voltage
VHP max
45
V
FAIL pin application voltage
VFAIL max
45
V
Allowable power dissipation 1
Pd max1
Independent IC
1.5
W
Allowable power dissipation 2
Pd max2
Mounted on a board. *
2.55
W
Operating temperature
Topr
-20 to +100
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a substrate : 114.3
×76.1×1.6mm
3, glass epoxy board.
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VCC
VCC pin
15 to 42
V
Supply voltage range 2
VB
VB pin
VCC+13
V
Output current 1-1
IOUT1-1
UL, VL, and WL pins sink current
45
mA
Output current 1-2
IOUT1-2
UL, VL, and WL pins source current
-45
mA
Output current 2-1
IOUT2-1
UH, VH, and WH pins sink current
25
mA
Output current 2-2
IOUT2-2
UH, VH, and WH pins source current
-35
mA
12V constant-voltage output current
I12REG
-30
mA
5V constant-voltage output current
I5REG
-30
mA
HP pin application voltage
VHP
0 to 42
V
HP pin output current
IHP
0 to 5
mA
FAIL pin application voltage
VFAIL
0 to 42
V
FAIL pin output current
IFAIL
0 to 5
mA
Electrical Characteristics Ta
= 25°C, VCC = 36V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Source current
ICC
19
24
mA
5V constant-voltage output (V5 pin)
Output voltage
V5REG
IO = -5mA
4.7
5.0
5.3
V
Voltage fluctuation
ΔV5REG1
VCC = 15 to 42V
40
100
mV
Load fluctuation
ΔV5REG2
IO = -5 to -30mA
10
30
mV
Temperature coefficient
ΔV5REG3
Design target value *
0
mV/
°C
12 V constant-voltage output (V12 pin)
Output voltage
V12REG
IO = -5mA
11.2
12.0
12.8
V
Voltage fluctuation
ΔV12REG1
VCC = 15 to 42V
120
240
mV
Load fluctuation
ΔV12REG2
IO = -5 to -30mA
10
30
mV
Temperature coefficient
ΔV12REG3
Design target value *
0
mV/
°C
Output Block/Conditions : UOUT = VOUT = WOUT = 18V, VB = 48V applied
Output H-level voltage 1
VOH1
UL, VL, and WL pins IOH = -10mA
V12-1.2
V12-0.8
V
Output L-level voltage 1
VOL1
UL, VL, and WL pins IOL = 10mA
0.8
1.2
V
Output H-level voltage 2
VOH2
UH, VH, and WH pins IOH = -5mA
46.8
47.2
V
Output L-level voltage 2
VOL2
UH, VH, and WH pins IOH = 5mA
18.2
18.6
V
* : Design target values and not tested.
Continued on next page.


유사한 부품 번호 - LB11691

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

유사한 설명 - LB11691

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com