전자부품 데이터시트 검색엔진 |
|
LC72F3661 데이터시트(PDF) 8 Page - Sanyo Semicon Device |
|
LC72F3661 데이터시트(HTML) 8 Page - Sanyo Semicon Device |
8 / 15 page LC72F3661 No.0461-8/15 Pin Description Pin name Pin No. I/O Pin explanation Equivalent circuit PA0 PA1 PA2 PA3 26 25 24 23 I Dedicated input ports. These ports are designed with a low threshold voltage. Input is disabled in Backup mode. PB0 PB1 PB2 PB3 22 21 20 19 I/O General-purpose I/O ports. The mode (input or output) is set using the IOS2 instruction. Input is disabled and the pins go to the high-impedance state in Backup mode. These ports are set up as general-purpose input ports after a power on reset. PD0/INT4 PD1/INT5 PD2 PD3 18 17 16 15 I/O General-purpose I/O and external interrupt shared function ports. The input formats are Schmitt inputs. The external interrupt function is enabled when the external interrupt enable flag is set. • When used as general-purpose I/O ports : The mode (input or output) is set in 1-bit units using the IOS2 instruction. • When used as external interrupt pins : The external interrupt functions are enabled by setting the corresponding external interrupt enable flag (INT4EN or INT5EN). In this case, the pins must be set to input mode in advance. Input is disabled and the pins go to the high-impedance state in Backup mode. These ports are set up as general-purpose input ports after a power on reset. PE0 PE1 14 13 I/O General-purpose I/O ports The input formats are Schmitt inputs. The mode (input or output) is set in 1-bit units using the IOS1 instruction Input is disabled and the pins go to the high-impedance state in Backup mode. These ports are set up as general-purpose input ports after a power on reset. PF0 PF1/SCK1 PF2/SO1 PF3/SI1 PG0 PG1/SCK0 PG2/SO0 PG3/SI0 12 11 10 9 8 7 6 5 I/O General-purpose I/O ports with shared functions as serial I/O ports. The input formats are Schmitt inputs. The IOS1 instruction is used to switch between the general-purpose I/O port and serial I/O port functions. • When used as general-purpose I/O ports : The pins are set to the general-purpose I/O port function using the IOS1 instruction. The mode (input or output) is set in 1-bit units using the IOS1 instruction • When used serial I/O ports : The pins are set to the serial I/O port function using the IOS1 instruction. [Pin states when set to the serial I/O port function] PF0, PG0 … General-purpose I/O PF1, PG1 … SCK input or output PF2, PG2 … SO output PF3, PG3 … SI input Input is disabled and the pins go to the high-impedance state in Backup mode. These ports are set up as general-purpose input ports after a power on reset. Continued on next page. ILC05529 BACK UP ILC05530 BACK UP ILC05532 BACK UP |
유사한 부품 번호 - LC72F3661 |
|
유사한 설명 - LC72F3661 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |