전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD82241 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD82241
상세설명  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD82241 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD82241 Datasheet HTML 2Page - Analog Devices AD82241 Datasheet HTML 3Page - Analog Devices AD82241 Datasheet HTML 4Page - Analog Devices AD82241 Datasheet HTML 5Page - Analog Devices AD82241 Datasheet HTML 6Page - Analog Devices AD82241 Datasheet HTML 7Page - Analog Devices AD82241 Datasheet HTML 8Page - Analog Devices AD82241 Datasheet HTML 9Page - Analog Devices AD82241 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD8253
Preliminary Technical Data
Rev.
PrA | Page 10 of 10
PR06983-0-9/07(PrA)
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.23
0.08
0.80
0.60
0.40
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
PIN 1
COPLANARITY
0.10
3.10
3.00
2.90
3.10
3.00
2.90
5.15
4.90
4.65
Figure 9. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8253ARMZ1
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253ARMZ-RL1
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253ARMZ-R71
–40°C to +85°C
10-Lead MSOP
RM-10
Y0K
AD8253-EVALZ1
Evaluation Board
1 Z = RoHS compliant part.


유사한 부품 번호 - AD82241

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8224 AD-AD8224 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8224 AD-AD8224 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
More results

유사한 설명 - AD82241

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com