전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM150CBS060 데이터시트(PDF) 5 Page - Mitsubishi Electric Semiconductor

부품명 PM150CBS060
상세설명  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM150CBS060 데이터시트(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM150CBS060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM150CBS060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM150CBS060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “OC” and “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not
be allowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
P, (U,V,W)
U,V,W, (N)
VD (all)
IN
(Fo)
VCIN
(0V)
Ic
V
a) Lower Arm Switching
b) Upper Arm Switching
U,V,W, (N)
IN
(Fo)
VD (all)
V
P, (U,V,W)
VCIN
(15V)
Ic
Fo
P
N
CS
U,V,W
Vcc
Ic
VD (all)
VCIN
VCIN
(15V)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Fig. 1 VCE(sat) Test
Fig. 2 VEC Test
N
CS
Vcc
Ic
VD (all)
P
U,V,W
VCIN
VCIN
(15V)
Fo
Signal input
(Upper Arm)
Signal input
(Lower Arm)
10%
90%
trr
Irr
tr
td (on)
tc (on)
tc (off)
td (off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td (on) + tr)
(toff= td (off) + tf)
Fig. 4 ICES Test
Fig. 3 Switching time Test circuit and waveform
VD (all)
U,V,W, (N)
P, (U,V,W)
A
Pulse
VCE
VCIN
(15V)
IN
(Fo)
VD (all)
U,V,W, (N)
P, (U,V,W)
VCIN
VCC
IC
IN
(Fo)
Fig. 5 OC and SC Test
IC
IC
OC
SC
VCIN
toff (OC)
Short Circuit Current
Over Current
Constant Current
Constant Current
Fig. 6 OC and SC Test waveform
VCINN
0V
0V
VCINP
t
t
tdead
tdead
tdead
Fig. 7 Dead time measurement point example


유사한 부품 번호 - PM150CBS060

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
PM150CBS060 POWEREX-PM150CBS060 Datasheet
95Kb / 6P
   Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (150 Amperes/600 Volts)
More results

유사한 설명 - PM150CBS060

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com