전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F14C8A 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC87F14C8A
상세설명  CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F14C8A 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F14C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 12Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 13Page - Sanyo Semicon Device LC87F14C8A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LC87F14C8A
No.A0402-10/26
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option selected
in units of
Option type
Output type
Pull-up resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
P20 to P27
P30 to P34
1 bit
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
PWM0, PWM1
-
No
CMOS
No
UHD+, UHD-
-
No
CMOS
No
XT1
-
No
Input only
No
XT2
-
No
32.768kHz crystal oscillator output
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4 bit units (P00 to 03, P04 to 07).
Power Pin Treatment
Connect the IC as shown below to minimize the noise input to the VDD1 pin.
Be sure to electrically short the VSS1, VSS2, and VSS3 pins.
Example 1: When the microcontroller is in the backup state in the HOLD mode, the power to sustain the high level of
output ports is supplied by their backup capacitors.
Example 2: The high level output at ports is not sustained and unstable in the HOLD backup mode.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
supply
For backup
LSI
LSI
VSS1VSS2VSS3
VDD1
VDD2
VDD3
Power
supply
For backup


유사한 부품 번호 - LC87F14C8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

유사한 설명 - LC87F14C8A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com