전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F5932A 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC87F5932A
상세설명  CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5932A 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LC87F5932A Datasheet HTML 2Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 3Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 9Page - Sanyo Semicon Device LC87F5932A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LC87F5932A
No.A0141-6/25
Package Dimensions
unit : mm (typ)
3326
Pin Assignments
SANYO: QIP64E (14
× 14) “Lead-free Type”
SANYO: TQFP64J (10
× 10) “Lead-free Type”
SANYO: TQFP64J (7
× 7)
“Lead-free Type”
LC87F5932A
Top view
PB2
PB3
PB4
PB5
PB6
PB7
P27/INT5/T1IN
P26/INT5/T1IN
P25/INT5/T1IN
P24/INT5/T1IN
P23/INT4/T1IN
P22/INT4/T1IN
P21/URX/INT4/T1IN
P20/UTX/INT4/T1IN
P07/T7O
P06/T6O
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
P73/INT3/T0IN
RES
XT1/AN10
XT2/AN11
VSS1
CF1
CF2
VDD1
P80/AN0
P81/AN1
P82/AN2
P10/SO0
P11/SI0/SB0
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
SANYO : FLGA68K(6.0X6.0)
6.0
0.5
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.3
0.4
(0.45)
0.5
0.3
LK J H G F E D C B A


유사한 부품 번호 - LC87F5932A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
More results

유사한 설명 - LC87F5932A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com