전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72151V 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LC72151V
상세설명  PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72151V 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72151V Datasheet HTML 4Page - Sanyo Semicon Device LC72151V Datasheet HTML 5Page - Sanyo Semicon Device LC72151V Datasheet HTML 6Page - Sanyo Semicon Device LC72151V Datasheet HTML 7Page - Sanyo Semicon Device LC72151V Datasheet HTML 8Page - Sanyo Semicon Device LC72151V Datasheet HTML 9Page - Sanyo Semicon Device LC72151V Datasheet HTML 10Page - Sanyo Semicon Device LC72151V Datasheet HTML 11Page - Sanyo Semicon Device LC72151V Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
No. 6976-8/29
LC72151V
Continued from preceding page.
Pin No.
Symbol
Usage
Function
Pin circuit
• Dedicated output pin
• Latches OUT3 in the control data and outputs data from O-3 pin.
• This pin goes open state at a power-on reset.
5
O-3
Output port
• Op-amp for PLL active low-pass filter
• AVSS is the analog system ground pin shared with low-pass filter Nch
MOS transistor.
• Voltage applied to AREF pin must be 1/2 that to VDD pin.
Note: Power must be applied to AVDD before applied to VDD, and AVDD
must be higher than or equal to VDD.
19
12
13
14
15
AIN1
AREF
AVDD
AVSS
AOUT1
Op-amp for low-pass filter amp
AREF
AIN1
+
AOUT1
AVSS
AVDD
• PLL active low-pass filter Nch MOS transistor
• Source of the transistor is connected to AVSS pin.
Note: Connect AVSS pin to ground in use.
24
25
AIN2
AOUT2
Transistor for low-pass
filter amp
AVSS
• PLL charge pump output
When the frequency created by dividing the local oscillator signal
frequency by N is higher than the reference frequency, a high level is
output from the PD pin. When lower, a low level is output. The PD pin
goes to the high-impedance state when the frequencies match.
21
23
20
PDM1
PDM2
PDS
Charge pump output
• PLL high-speed locking charge pump output
When the high-speed locking mode is selected, signal pulses is
output according to the frequency variation. This pin enters high-
impedance state when the local oscillation frequency enters the set
frequency range.
22
PDF
PLL high-speed locking charge
pump output
• PLL high-speed locking active low-pass filter transmission gate
input/output dual function pins
Note: Connect AVSS pin to ground in use.
18
17
16
TGI1
TGI2
TGO
PLL high-speed locking TG
TGO
TGI2
TGI1
• HCTR is selected by setting CTS1 in the control data to 1.
Input frequency: 0.4 to 25 MHz
The signal is input to a divide-by-2 circuit and the result is input to a
general-purpose counter. This counter can also be used as an
integrating counter.
The counter value is output as the result of the count, MSB first, from
the DO pin.
There are four measurement periods: 4, 8, 32, and 64 ms.
• When H/I-3 in the control data is set, this pin functions as an input
port, and the value is output from the output pin DO.
10
HCTR/I-3
General-purpose counter
• LCTR is selected by setting CTS1 in the control data to 1.
• When the LCTR is selected as described above and CTS0 is set to 1:
This pin enters the frequency measurement mode.
Input frequency: 10 to 500 kHz
The signal is directly transmitted to the general-purpose counter.
• When CTS0 is set to 0
This pin enters period measurement mode.
Input frequency: 1 Hz to 20 kHz
Period can be measured either in single period or in double period. If
double period measurement is selected, the frequency is 2 Hz to
40 kHz.
The counter value is output as the result of the count, MSB first, from
the DO pin.
• When L/I-4 in the control data is set:
This pin functions as an input port, the value is output from the output
pin DO.
11
LCTR/I-4
General-purpose counter
Continued on next page.


유사한 부품 번호 - LC72151V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7215 SANYO-LC7215 Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
LC7215F SANYO-LC7215F Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
LC7215FM SANYO-LC7215FM Datasheet
73Kb / 7P
   MW/LW PLL Frequency Synthesizers
More results

유사한 설명 - LC72151V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com