전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75051E 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LC75051E
상세설명  CMOS IC Lip-Sync Enabling Audio DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75051E 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LC75051E Datasheet HTML 1Page - Sanyo Semicon Device LC75051E Datasheet HTML 2Page - Sanyo Semicon Device LC75051E Datasheet HTML 3Page - Sanyo Semicon Device LC75051E Datasheet HTML 4Page - Sanyo Semicon Device LC75051E Datasheet HTML 5Page - Sanyo Semicon Device LC75051E Datasheet HTML 6Page - Sanyo Semicon Device LC75051E Datasheet HTML 7Page - Sanyo Semicon Device LC75051E Datasheet HTML 8Page - Sanyo Semicon Device LC75051E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LC75051E
No.A0178-4/9
Continued from preceding page.
Ratings
Parameter
Symbol
Pin name
Conditions
min
typ
max
unit
VOL(1)
TEST6, TEST7, LRCKO,
BCKO, DATAO0, DATAO1,
DATAO2, I
2CBUSY/DI,
SDA/DO
EMPF, GPFLAG, MRREQ,
XSEL0, XSEL1, XSEL2
IOH=2mA
0.4
Low-level output voltage
VOH(2)
SCKO, SDA/DO
IOH=4mA
0.4
V
IOFF(1)
XSEL0, XSEL1, XSEL2,
TEST6, I
2CBUSY/DI,
SCKO, SDA/DO
VOUT=CVDD
5
Output off leakage current
IOFF(2)
XSEL0, XSEL1, XSEL2,
TEST6, I
2CBUSY/DI,
SCKO, SDA/DO
VOUT=0V
-5
µA
Full scale input level
VIN
INL, INR
0.4
×AVDD
(max2Vp-p)
Vp-p
Analog output level
VOUT
AOUT1, AOUT2
0.6
×AVDD
(max3Vp-p)
Vp-p
Reference voltage output
Vref
VREF1, VREF2
2.35
2.5
2.65
V
I_XVDD
XVDD
Conditions: audio disabled
operating state, mounted on
a standard board*
XVDD=3.3V
1.2
1.6
I_AVDD
AVDD1, AVDD2, AVDD3
Conditions: audio disabled
operating state, mounted on
a standard board*
AVDD=5V
50
65
I_BVDD
BVDD1
Conditions: audio disabled
operating state, mounted on
a standard board*
BVDD=3.3V
2
3.5
I_CVDD
CVDD1, CVDD2, CVDD3,
CVDD4
Conditions: audio disabled
operating state, mounted on
a standard board*
CVDD=3.3V
1.8
2.4
Current drain
I_DVDD
DVDD1, DVDD2, DVDD3,
DVDD4
PLLDVDD, PLLAVDD,
PLLPWRR
Conditions: audio disabled
operating state, mounted on
a standard board*
DVDD=1.8V
65
85
mA
*: Standard board: 76.1mm
×114.3mm×1.6mm; glass epoxy resin


유사한 부품 번호 - LC75051E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
More results

유사한 설명 - LC75051E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Texas Instruments
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com