전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC749450NW 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 LC749450NW
상세설명  Silicon Gate CMOS IC Digital RGB Image Processor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749450NW 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button LC749450NW Datasheet HTML 6Page - Sanyo Semicon Device LC749450NW Datasheet HTML 7Page - Sanyo Semicon Device LC749450NW Datasheet HTML 8Page - Sanyo Semicon Device LC749450NW Datasheet HTML 9Page - Sanyo Semicon Device LC749450NW Datasheet HTML 10Page - Sanyo Semicon Device LC749450NW Datasheet HTML 11Page - Sanyo Semicon Device LC749450NW Datasheet HTML 12Page - Sanyo Semicon Device LC749450NW Datasheet HTML 13Page - Sanyo Semicon Device LC749450NW Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
No.8096-10/17
LC749450NW
Pin No.
Symbol
I/O circuit type
Connected to
Notes
I/O
Circuit type
62
GP_IO0
B
CPU I/O or
63
GP_IO1
B
PHBT08
Test circuit outputs
64
GP_IO2
B
65
DVDD18
P
Power supply
1.8 V system power supply
66
DVSS18
P
GND
1.8 V system ground
67
GP_IO3
B
68
GP_IO4
B
CPU I/O or
69
GP_IO5
B
PHBT08
Test circuit outputs
70
GP_IO6
B
71
GP_IO7
B
72
GP_CS
I
PHICD
CPU bus chip enable input
73
GP_WR
I
PHICD
CPU bus write enable input
74
GP_MOD
I
PHICD
CPU bus mode switch
75
CPU_TST_SW
I
PHISD
CPU/test mode switch
76
ODEVFFO
O
PHOT08
Field discrimination signal output
77
TSTO0
O
PHOT12
Open
Test output. This pin is normally left open.
78
OE
I
PHISD
Output enable
79
DVDDD33
P
Power supply
3.3 V system power supply
80
DVSS33
P
GND
3.3 V system ground
81
NC
——
Open
No connection
82
NC
——
Open
No connection
83
SDAIO
B
PHBT12
I2C bus data I/O
84
SCLI
I
PHISD
I2C bus clock input
85
SLADR
I
PHISD
I2C bus slave address setting
86
TST15
I
PHISD
Open
Test input. This pin is normally left open.
87
XTALSW
I
PHISD
XTAL clock pin input mode setting input
88
TSTO1
O
PHOT08
Open
Test output. This pin is normally left open.
89
AREAO
O
PHOT08
Valid area signal output
90
DEVI
I
PHICD
Vertical valid video period enable signal input
91
FIELD
I
PHICD
Field signal input
92
DVDD18
P
Power supply
1.8 V system power supply
93
DVSS18
P
GND
1.8 V system ground
94
TSTO2
O
PHOT08
Open
Test output. This pin is normally left open.
95
DVO
O
PHOT08
Vertical sync signal output (The polarity can be switched.)
96
DHO
O
PHOT08
Horizontal sync signal output (The polarity can be switched.)
97
TSTO3
O
PHOT08
Open
Test output. This pin is normally left open.
98
TSTO4
O
PHOT08
Open
Test output. This pin is normally left open.
99
CLAMPOO
O
PHOT08
A/D conversion clamp period verification pulse output
100
CLPR
O
PHOT12
Clamp control output (R/Cr)
101
CLPG
O
PHOT12
Clamp control output (G/Y)
102
CLPB
O
PHOT12
Clamp control output (B/Cb)
103
CLKOUT
O
PHOT12
Clock output
104
DVDD33
P
Power supply
3.3 V system power supply
105
DVSS33
P
GND
3.3 V system ground
106
ODR0
O
107
ODR1
O
108
ODR2
O
109
ODR3
O
110
ODR4
O
PHOT08
R signal outputs
111
ODR5
O
112
ODR6
O
113
ODR7
O
114
ODR8
O
115
ODR9
O
116
DVDD18
P
Power supply
1.8 V system power supply
117
DVSS18
P
GND
1.8 V system ground
118
DVDD33
P
Power supply
3.3 V system power supply
119
DVSS33
P
GND
3.3 V system ground
Continued from preceding page.
Continued on next page.


유사한 부품 번호 - LC749450NW

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
More results

유사한 설명 - LC749450NW

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
List of Unclassifed Man...
M1347 ETC-M1347 Datasheet
150Kb / 2P
   RGB LED IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com