전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SKY65227-11 데이터시트(PDF) 6 Page - Skyworks Solutions Inc.

부품명 SKY65227-11
상세설명  WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65227-11 데이터시트(HTML) 6 Page - Skyworks Solutions Inc.

  SKY65227-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65227-11 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
May 7, 2007 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200553 Rev. D
DATA SHEET • SKY65227-11
6
Pin #
Pin Name
Description
EVB Label
1
R0g
Receiver output
R0g
2
GND
Ground
GND
3
NC
No connection
R0a
4
GND
Ground
GND
5
T0g
Transmitter input
T0g
6
NC
No connection
T0a
7
GND
Ground
GND
8
GND
Ground
GND
9
NC
No connection
T1a
10
T1g
Transmitter input
T1g
11
GND
Ground
GND
12
NC
No connection
R1a
13
GND
Ground
GND
14
R1g
Receiver output
R1g
15
GND
Ground
GND
16
PU1g
Power amplifier enable input
VEN1g
17
NC
No connection
VEN1a
18
VCC
3.3 V
None.
Tied to Pin 47
19
PD1g
Power detector output voltage
VD1ag
from PA1
20
GND
Ground
GND
21
VCC
3.3 V
None
22
GND
Ground
GND
23
RX1g
Switch control input
Rx1ag
24
TX1g
Switch control input
Tx1ag
25
GND
Ground
GND
26
GND
Ground
GND
27
A1
Antenna 1
A1
28
GND
Ground
GND
29
GND
Ground
GND
30
GND
Ground
GND
31
GND
Ground
GND
32
GND
Ground
GND
33
GND
Ground
GND
34
GND
Ground
GND
35
GND
Ground
GND
36
A0
Antenna 0
A0
37
GND
Ground
GND
38
GND
Ground
GND
39
Tx0g
Switch control input
TX0ag
40
Rx0g
Switch control input
RX0ag
41
GND
Ground
GND
42
VCC
3.3 V
None
43
GND
Ground
GND
44
PD0g
Power detector output voltage
VD0ag
from PA0
45
PU0g
Power amplifier enable input
VEN0g
46
NC
No connection
VEN0a
47
VCC
3.3 V
VCC
48
GND
Ground
GND
49
GND
Ground
GND
Pin Descriptions
Pin Out
1
14
15
24
25
38
39
48
GND
R0g
T0g
49
GND
NC
NC
NC
R1g
T1g
NC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
A1
GND
GND
A0
2
3
4
5
6
7
8
9
10
11
12
13
16
17
18
19
20
21
22
23
26
27
28
29
30
31
32
33
34
35
36
37
40
41
42
43
44
45
46
47


유사한 부품 번호 - SKY65227-11

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
   WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
More results

유사한 설명 - SKY65227-11

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SKY65228-11 SKYWORKS-SKY65228-11 Datasheet
303Kb / 9P
   WLAN 802.11n Single Band 4.9-5.85 GHz MIMO Intera Front-End Module
SKY65233-11 SKYWORKS-SKY65233-11 Datasheet
291Kb / 10P
   WLAN 802.11n Single-Band 2.4 GHz 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65225-11 SKYWORKS-SKY65225-11 Datasheet
420Kb / 11P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module
SKY65234-11 SKYWORKS-SKY65234-11 Datasheet
293Kb / 10P
   WLAN 802.11n Single-Band 4.9-5.85 GHz 2 x 2 MIMO Intera Front-End Module with 3 Antenna Ports
SKY65230-11 SKYWORKS-SKY65230-11 Datasheet
411Kb / 13P
   WLAN 802.11n 2 x 2 MIMO Intera??Front-End Module with 3 Antenna Ports
SKY65206-13 SKYWORKS-SKY65206-13_09 Datasheet
1Mb / 12P
   WLAN 802.11b/g Intera Front-End Module
logo
TriQuint Semiconductor
TQP887052 TRIQUINT-TQP887052_15 Datasheet
199Kb / 1P
   802.11ac, 802.11n WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY65206-13 SKYWORKS-SKY65206-13 Datasheet
371Kb / 7P
   WLAN 802.11b/g Intera??Front-End Module
SKY65249-11 SKYWORKS-SKY65249-11 Datasheet
365Kb / 10P
   WLAN 802.11b, g, n Intera Front-End Module
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
   2.4 GHz High-Linearity, WLAN Front-End Module
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com