전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCH6935 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 MCH6935
상세설명  TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6935 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  MCH6935 Datasheet HTML 1Page - Sanyo Semicon Device MCH6935 Datasheet HTML 2Page - Sanyo Semicon Device MCH6935 Datasheet HTML 3Page - Sanyo Semicon Device MCH6935 Datasheet HTML 4Page - Sanyo Semicon Device MCH6935 Datasheet HTML 5Page - Sanyo Semicon Device MCH6935 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCH6935
No.8039-1/6
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8039A
MCH6935
TR : PNP Epitaxial Planar Silicon Transistor
FET : N-Channel Silicon MOSFET
Power Management Switch
Applications
SANYO Semiconductors
DATA SHEET
Features
Composite type with a PNP transistor and a N-ch MOSFET contained in one package facilitating high-density
mounting.
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
[TR]
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--30
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--700
mA
Collector Current (Pulse)
ICP
--1.4
A
Collector Dissipation
PC
Mounted on a ceramic board (600mm2
✕0.8mm)
0.5
W
Junction Temperature
Tj
150
°C
[FET]
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current
ID
150
mA
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
600
mA
Allowable Power Dissipation
PD
Mounted on a ceramic board (600mm2
✕0.8mm)
0.5
W
Channel Temperature
Tch
150
°C
[Common Rating]
Total Dissipation
PT
Mounted on a ceramic board (600mm2
✕0.8mm)
0.55
W
Storage Temperature
Tstg
--55 to +150
°C
Marking : EY
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
30707 TI IM TC-00000561 / 12805EA TS IM TB-00001164


유사한 부품 번호 - MCH6935

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
MCH6931 SANYO-MCH6931 Datasheet
77Kb / 6P
   MCH6931
MCH6933 SANYO-MCH6933 Datasheet
70Kb / 6P
   MCH6933
MCH6937 SANYO-MCH6937 Datasheet
70Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
More results

유사한 설명 - MCH6935

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
MCH6937 SANYO-MCH6937 Datasheet
70Kb / 6P
   TR : PNP Epitaxial Planar Silicon Transistor FET : N-Channel Silicon MOSFET Power Management Switch
MCH6124 SANYO-MCH6124 Datasheet
246Kb / 4P
   PNP Epitaxial Planar Silicon Transistor Load Switch Applications
logo
Panasonic Semiconductor
XN09D57 PANASONIC-XN09D57 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D58 PANASONIC-XN09D58 Datasheet
102Kb / 4P
   Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
XN09D61 PANASONIC-XN09D61 Datasheet
107Kb / 5P
   Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
logo
Sanyo Semicon Device
ECH8901 SANYO-ECH8901 Datasheet
369Kb / 6P
   PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
FP208 SANYO-FP208 Datasheet
98Kb / 3P
   PNP Epitaxial Planar Silicon Transistor Driver Applications
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N_15 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar Power Management
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
logo
Sanyo Semicon Device
VEC2904 SANYO-VEC2904 Datasheet
75Kb / 6P
   PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com