전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS0503EC 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 SS0503EC
상세설명  Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0503EC 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  SS0503EC Datasheet HTML 1Page - Sanyo Semicon Device SS0503EC Datasheet HTML 2Page - Sanyo Semicon Device SS0503EC Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS0503EC
No. A0510-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Ultraminiature (1008 size) and thin (0.6mm) leadless package.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
IO
0.5
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.2mA
30
V
Forward Voltage
VF1IF=0.1A
0.31
0.36
V
VF2IF=0.5A
0.51
0.56
V
Reverse Current
IR
VR=15V
100
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
6
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Therrmal Resistance
Rth(j-a)
Mounted in Cu-foiled area of 0.72mm2
✕0.03mm
70
°C / W
on glass epoxy board
Marking : DB
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0510
N1506SB TI IM TC-00000269
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
SS0503EC
Low VF Schottky Barrier Diode
30V, 0.5A Rectifier


유사한 부품 번호 - SS0503EC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
More results

유사한 설명 - SS0503EC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Cystech Electonics Corp...
RB0520LSH CYSTEKEC-RB0520LSH Datasheet
240Kb / 6P
   0.5A Low VF Schottky Barrier Rectifier
logo
Sanyo Semicon Device
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
   Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Central Semiconductor C...
PB-CFSH05_1509 CENTRAL-PB-CFSH05_1509 Datasheet
1Mb / 2P
   20V, 0.5A Low VF Schottky Diode
logo
Sanyo Semicon Device
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com