전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TF250TH 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 TF250TH
상세설명  N-channel Silicon Junction FET Electret Condenser Microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF250TH 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  TF250TH Datasheet HTML 1Page - Sanyo Semicon Device TF250TH Datasheet HTML 2Page - Sanyo Semicon Device TF250TH Datasheet HTML 3Page - Sanyo Semicon Device TF250TH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TF250TH
No. A0381-3/4
GV -- IDSS
∆GVV -- IDSS
VGS(off) -- IDSS
yfs -- IDSS
Ciss -- VDS
Crss -- VDS
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, IDSS -- µA
Drain Current, IDSS -- µA
0
100
200
300
400
500
IT10925
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
IT10926
IT10922
∆GVV : VCC=2V→1.5V
VIN=10mV
f=1kHz
IDSS : VDS=2V
--0.6
--0.4
--0.2
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
--0.1
--0.2
--0.3
--0.4
--0.5
--0.6
--0.7
0
100
200
300
400
500
0
100
200
300
400
500
VDS=2V
ID=1µA
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
IT10921
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
10
23
5
7
7
52
3
IT10923
VGS=0V
f=1MHz
IT10924
1.0
7
5
3
2
0.1
1.0
10
23
5
7
7
52
3
VGS=0V
f=1MHz
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
400
300
200
100
0
IT10919
IT10920
--0.7
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
400
300
200
100
0
--0.7
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V


유사한 부품 번호 - TF250TH

제조업체부품명데이터시트상세설명
logo
Rhombus Industries Inc.
TF250-10 RHOMBUS-IND-TF250-10 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF250-10 RHOMBUS-IND-TF250-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF250-5 RHOMBUS-IND-TF250-5 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
TF250-5 RHOMBUS-IND-TF250-5 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
TF250-7 RHOMBUS-IND-TF250-7 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

유사한 설명 - TF250TH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TS788 SANYO-TS788 Datasheet
9Kb / 1P
   N- channel Junction FET Electret Condenser Microphone
TF202C SANYO-TF202C Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF252C SANYO-TF252C Datasheet
49Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
EC3A01H SANYO-EC3A01H Datasheet
38Kb / 5P
   N-Channel Silicon Junction FET - Electret Condenser Microphone Applications
TF218THC SANYO-TF218THC Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF246 SANYO-TF246 Datasheet
58Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF222 SANYO-TF222 Datasheet
29Kb / 4P
   N-channel Junction FET Electret Condenser Microphone Applications
TF202THC SANYO-TF202THC Datasheet
305Kb / 5P
   N-channel Silicon Juncton FET Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com