전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TF252C 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 TF252C
상세설명  N-channel Silicon Junction FET Electret Condenser Microphone Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252C 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  TF252C Datasheet HTML 1Page - Sanyo Semicon Device TF252C Datasheet HTML 2Page - Sanyo Semicon Device TF252C Datasheet HTML 3Page - Sanyo Semicon Device TF252C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TF252C
No. A0897-1/4
SANYO Semiconductors
DATA SHEET
Features
High gain : GV=1.0dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz).
Ultrasmall package facilitates miniaturization in end products.
Best suited for use in Electret Condenser Microphone for audio equipments and telephones.
Excellent voltage characteristics.
Excellent transient characteristics.
Adoption of FBET process.
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking: D
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0897
80107GB TI IM TC-00000786
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
TF252C
N-channel Silicon Junction FET
Electret Condenser Microphone
Applications


유사한 부품 번호 - TF252C

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
logo
List of Unclassifed Man...
TF252 ETC2-TF252 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF252 TAITRON-TF252 Datasheet
124Kb / 4P
   2.5A Fast Recovery Rectifier
logo
ON Semiconductor
TF252 ONSEMI-TF252 Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
TF252-4-TL-H ONSEMI-TF252-4-TL-H Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
More results

유사한 설명 - TF252C

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
TF202C SANYO-TF202C Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
EC3A01H SANYO-EC3A01H Datasheet
38Kb / 5P
   N-Channel Silicon Junction FET - Electret Condenser Microphone Applications
TF218THC SANYO-TF218THC Datasheet
52Kb / 5P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF246 SANYO-TF246 Datasheet
58Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF222 SANYO-TF222 Datasheet
29Kb / 4P
   N-channel Junction FET Electret Condenser Microphone Applications
TF252 SANYO-TF252 Datasheet
53Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TF250TH SANYO-TF250TH Datasheet
38Kb / 4P
   N-channel Silicon Junction FET Electret Condenser Microphone
TS788 SANYO-TS788 Datasheet
9Kb / 1P
   N- channel Junction FET Electret Condenser Microphone
TF202THC SANYO-TF202THC Datasheet
305Kb / 5P
   N-channel Silicon Juncton FET Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com