전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3068-B-FS 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SI3068-B-FS
상세설명  FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3068-B-FS 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SI3068-B-FS Datasheet HTML 7Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 8Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 9Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 10Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 11Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 12Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 13Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 14Page - Silicon Laboratories SI3068-B-FS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Si3068
Rev. 1.0
11
4.4. Loop Current Sensing
The Si3068 measures loop current when off-hook. The
LCS[4:0] bits measure loop current with 3.3 mA/bit
resolution. The following functions can be performed
with the LCS bits:
While off-hook, detect if a parallel phone goes on- or
off-hook.
Determine if sufficient loop current is available for
proper operation.
Detect if there is an overload condition.
4.4.1. Loop Current Measurement
When the DAA is off-hook, the LCS[4:0] bits measure
loop current with 3.3 mA/bit resolution. These bits can
be used to detect another device going off-hook by
monitoring the dc loop current. The transfer function for
LCS is shown in Figure 6 and is detailed in Table 6. The
LCS bits report loop current down to the minimum
operating loop current for the DAA. Below this
threshold, the reported value of loop current is
unpredictable and may vary between zero and the
minimum operating current.
When the LCS bits have reached their maximum value,
the Loop Current Sense Overload Interrupt bit fires;
however, LCSOI firing does not necessarily guarantee
that an overload situation has occurred.
Figure 6. Typical LCS Transfer Function
0
13.2
160
102.3
Loop Current (mA)
LCS BITS
0
5
10
15
20
25
30
Overload
Table 6. Loop Current Sense Transfer Function
LCS[4:0]
Condition
00000b – 00011b Insufficient line current for normal operation. Use the DODI bit
(Register 4, bit 3) to determine if a line is still connected.
00100b – 11110b Normal operation.
11111b
Loop current is excessive (>160 mA).


유사한 부품 번호 - SI3068-B-FS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI3060 ETC1-SI3060 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FS ETC1-SI3060-X-FS Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FSR ETC1-SI3060-X-FSR Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FT ETC1-SI3060-X-FT Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
SI3060-X-FTR ETC1-SI3060-X-FTR Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
More results

유사한 설명 - SI3068-B-FS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3010-KS ETC2-SI3010-KS Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com