전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8517-B-GM 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI8517-B-GM
상세설명  UNIDIRECTIONAL AC CURRENT SENSORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8517-B-GM 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI8517-B-GM Datasheet HTML 1Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 2Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 3Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 4Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 5Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 6Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 7Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 8Page - Silicon Laboratories SI8517-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Si85xx
Preliminary Rev. 0.1
5
Measurement Error (%)—all devices
(–40 to 125 ºC Temp Range)
5 to 10% of full scale
–30
+30
%
10 to 20% of full scale
–25
+25
%
20 to 100% of full scale
–20
+20
%
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Storage temperature
TSTG
–65
+150
ºC
Ambient temperature under bias
TA
–40
+125
ºC
Supply voltage
VDD
5.75
V
Voltage on any pin with respect to ground
(not including IIN, IOUT)
VIN
–0.5
VDD + 0.5
V
Lead solder temperature (10 sec.)
-
260
ºC
DC isolation
-
1000
VDC
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 1. Electrical Specifications (Continued)
TA = –40 to +85 ºC (typical specified at 25 ºC), VDD = 2.7 to 5.5 V
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - SI8517-B-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8517-B-GM ETC2-SI8517-B-GM Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
More results

유사한 설명 - SI8517-B-GM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI8513-C-IS ETC2-SI8513-C-IS Datasheet
385Kb / 37P
   Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com