전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5323 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 SI5323
상세설명  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5323 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button SI5323 Datasheet HTML 4Page - Silicon Laboratories SI5323 Datasheet HTML 5Page - Silicon Laboratories SI5323 Datasheet HTML 6Page - Silicon Laboratories SI5323 Datasheet HTML 7Page - Silicon Laboratories SI5323 Datasheet HTML 8Page - Silicon Laboratories SI5323 Datasheet HTML 9Page - Silicon Laboratories SI5323 Datasheet HTML 10Page - Silicon Laboratories SI5323 Datasheet HTML 11Page - Silicon Laboratories SI5323 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Si5323
8
Preliminary Rev. 0.2
5, 10,
32
VDD
VDD
Supply
Supply.
The device operates from a 1.8, 2.5, or 3.3 V supply. Bypass
capacitors should be associated with the following VDD pins:
5
0.1 µF
10
0.1 µF
32
0.1 µF
A 1.0 µF should be placed as close to device as is practical.
7
6
XB
XA
IAnalog
External Crystal or Reference Clock.
External crystal should be connected to these pins to use
internal oscillator based reference. If external reference is
used, apply reference clock to XA input and leave XB pin
floating. External reference must be from a high-quality clock
source (TCXO, OCXO). Frequency of crystal or external
clock is set by the RATE pin.
8, 31
GND
GND
Supply
Ground.
Must be connected to system ground. Minimize the ground
path impedance for optimal performance of this device.
9
AUTOSEL
I
3-Level
Manual/Automatic Clock Selection.
Three level input that selects the method of input clock selec-
tion to be used.
L = Manual
M = Automatic non-revertive
H = Automatic revertive
11
15
RATE0
RATE1
I
3-Level
External Crystal or Reference Clock Rate.
Three level input that selects the type and rate of external
crystal or reference clock to be applied to the XA/XB port.
RATE[1:0]
LM
= 38.88 MHz external clock
MM
= 114.285 MHz 3rd OT Crystal
HH
= Converts part to Si5322
All Others
= Reserved
12
13
CKIN2+
CKIN2–
I
Clock Input 2.
Differential input clock. This input can also be driven with a
single-ended signal. Input frequency selected from a table of
values. The same frequency must be applied to CKIN1 and
CKIN2.
14
DBL2_BY
I
3-Level
Output 2 Disable/Bypass Mode Control.
Controls enable of CKOUT2 divider/output buffer path and
PLL bypass mode.
L = CKOUT2 enabled
M = CKOUT2 disabled
H = Bypass mode with CKOUT2 enabled
Table 3. Si5323 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description


유사한 부품 번호 - SI5323

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5323 SILABS-Si5323 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5323 SKYWORKS-SI5323 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5323-C-GM SKYWORKS-SI5323-C-GM Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

유사한 설명 - SI5323

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com