전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5367A-B-GQ 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 SI5367A-B-GQ
상세설명  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367A-B-GQ 데이터시트(HTML) 3 Page - Silicon Laboratories

  SI5367A-B-GQ Datasheet HTML 1Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Si5367
Preliminary Rev. 0.3
3
Rise/Fall Time
CKOTRF
20–80%
230
350
ps
Duty Cycle
CKODC
45
55
%
PLL Performance
Jitter Generation
JGEN
fOUT = 622.08 MHz,
LVPECL output format
50 kHz–80 MHz
0.6
TBD
ps rms
12 kHz–20 MHz
0.6
TBD
ps rms
800 Hz–80 MHz
TBD
TBD
ps rms
Jitter Transfer
JPK
—0.05
0.1
dB
Phase Noise
CKOPN
fOUT = 622.08 MHz
100 Hz offset
TBD
TBD
dBc/Hz
1 kHz offset
TBD
TBD
dBc/Hz
10 kHz offset
TBD
TBD
dBc/Hz
100 kHz offset
TBD
TBD
dBc/Hz
1 MHz offset
TBD
TBD
dBc/Hz
Subharmonic Noise
SPSUBH Phase Noise @ 100 kHz Offset
TBD
TBD
dBc
Spurious Noise
SPSPUR
Max spur @ n x F3
(n > 1, n x F3 < 100 MHz)
TBD
TBD
dBc
Package
Thermal Resistance
Junction to Ambient
θJA
Still Air
40
ºC/W
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 2.75
V
LVCMOS Input Voltage
VDIG
–0.3 to (VDD + 0.3)
V
Operating Junction Temperature
TJCT
–55 to 150
ºC
Storage Temperature Range
TSTG
–55 to 150
ºC
ESD HBM Tolerance (100 pF, 1.5 k
Ω)2
kV
ESD MM Tolerance
200
V
Latch-Up Tolerance
JESD78 Compliant
Note: Permanent device damage may occur if the Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operation sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods of time may affect device reliability.
Table 1. Performance Specifications (Continued)
(VDD = 1.8 or 2.5 V ±10%, TA = –40 to 85 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Note: For a more comprehensive listing of device specifications, please consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual. This document can be downloaded from www.silabs.com/timing.


유사한 부품 번호 - SI5367A-B-GQ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

유사한 설명 - SI5367A-B-GQ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com