전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI533GC00100DG 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI533GC00100DG
상세설명  DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI533GC00100DG 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI533GC00100DG Datasheet HTML 2Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 3Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 4Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 5Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 6Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 7Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 8Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 9Page - Silicon Laboratories SI533GC00100DG Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si533
6
Rev. 1.1
2. Pin Descriptions
Pin #
Symbol
LVDS/LVPECL/CML Function
CMOS Function
1OE*
Output Enable*
0 = clock output disabled (outputs tristated)
1 = clock output enabled
Output Enable*
0 = clock output disabled (outputs tristated)
1 = clock output enabled
2FS*
Frequency Select*
0 = First frequency selected
1 = Second frequency selected
Frequency Select*
0 = First frequency selected
1 = Second frequency selected
3
GND
Electrical and Case Ground
Electrical and Case Ground
4
CLK+
Oscillator Output
Oscillator Output
5
CLK–
Complementary Output
No Connection
6VDD
Power Supply Voltage
Power Supply Voltage
*Note: FS and OE include a 17 k
Ω pullup resistor to VDD. See Section 3. "Ordering Information" on page 7 for details on
frequency value ordering.
1
2
3
6
5
4
GND
FS
VDD
CLK+
CLK–
OE
(Top View)
1
2
3
6
5
4
GND
FS
VDD
CLK
NC
OE
LVDS/LVPECL/CML
CMOS


유사한 부품 번호 - SI533GC00100DG

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si533 SILABS-Si533 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5330 SILABS-SI5330 Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
   1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
More results

유사한 설명 - SI533GC00100DG

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
logo
Silicon Laboratories
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com