전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS3925-079 데이터시트(PDF) 1 Page - Skyworks Solutions Inc.

부품명 SMS3925-079
상세설명  Low Capacitance, High-Voltage Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKYWORKS [Skyworks Solutions Inc.]
홈페이지  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMS3925-079 데이터시트(HTML) 1 Page - Skyworks Solutions Inc.

  SMS3925-079 Datasheet HTML 1Page - Skyworks Solutions Inc. SMS3925-079 Datasheet HTML 2Page - Skyworks Solutions Inc. SMS3925-079 Datasheet HTML 3Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200132 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 29, 2007
1
SMS3925-079, SMS3925-079LF: Low Capacitance,
High-Voltage Schottky Diode
DATA SHEET
Features
G
Silicon Schottky diode for detector applications
G
Ultrasmall SC-79 package
G
Designed for high-volume, low-cost applications
G
Available in tape and reel packaging
G
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The SMS3925-079 is a 40 V, 0.6 pF RF Schottky diode designed
for use as a level detector in wireless handsets and for general-
purpose switching applications. The SMS3925-079 is packaged
in the surface mount miniature SC-79 package and is designated
for low-cost, high-volume applications.
Characteristic
Value
Reverse voltage (VR)
40 V
Forward current - 1 ms pulse (IF)
1 A
Forward current - steady state (IF)
50 mA
Power dissipation (PD)
250 mW
Storage temperature (TST)
-65 °C to +150 °C
Operating temperature (TOP)
-65 °C to +150 °C
Junction temperature (TJ)
150 °C
Electrostatic Discharge (ESD)
Class 0
Human Body Model (HBM)
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


유사한 부품 번호 - SMS3925-079

제조업체부품명데이터시트상세설명
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
More results

유사한 설명 - SMS3925-079

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SMS3925-040LF SKYWORKS-SMS3925-040LF Datasheet
279Kb / 5P
   Low Capacitance, High Voltage Schottky Diode
logo
Alpha Industries
SMS3925-079 ALPHA-SMS3925-079 Datasheet
303Kb / 2P
   Low Capacitance High Voltage Schottky Diode
logo
NXP Semiconductors
BB202 NXP-BB202 Datasheet
227Kb / 6P
   Low-voltage variable capacitance diode
Rev. 02-3 January 2008
BB156 NXP-BB156_04 Datasheet
58Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 01
BB142 PHILIPS-BB142 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
BB156 PHILIPS-BB156 Datasheet
53Kb / 8P
   Low-voltage variable capacitance diode
1998 Aug 17
logo
Quanzhou Jinmei Electro...
BB202_N_2015 JMNIC-BB202_N_2015 Datasheet
234Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB145B PHILIPS-BB145B_15 Datasheet
137Kb / 7P
   Low-voltage variable capacitance diode
2004 Mar 29
logo
Quanzhou Jinmei Electro...
BB145B-01 JMNIC-BB145B-01_15 Datasheet
59Kb / 6P
   Low-voltage variable capacitance diode
logo
NXP Semiconductors
BB143 PHILIPS-BB143 Datasheet
44Kb / 8P
   Low-voltage variable capacitance diode
1999 May 12
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com