전자부품 데이터시트 검색엔진 |
|
R3130N 데이터시트(PDF) 3 Page - RICOH electronics devices division |
|
R3130N 데이터시트(HTML) 3 Page - RICOH electronics devices division |
3 / 29 page R3130N/R3131N 3 TIMING CHART VSS Tdelay Supply Voltage (VDD) Output Voltage Detector Threshold Minimum Operating Voltage VDET VSS VSS Tdelay Supply Voltage (VDD) Output Voltage Detector Threshold Minimum Operating Voltage VDET VSS R3130N Operation Diagram R3131N Operation Diagram • Output Delay Operation Output Delay Time, or Tdelay is specified as follows: 1. In the case of Nch open drain output: The time interval from rising edge of VDD pulse (1.0V →(VDET)+1.0V) to the time at which the output reaches 2.5V under the condition that the output pin (OUT) is pulled up to 5V through a 470k Ω resistor. 2. In the case of CMOS output The time interval from rising edge of VDD pulse (1.0V →(VDET)+1.0V) to the time at which the output reaches VDD/2. VDET+1.0V Input Voltage Output Voltage 1.0V 5.0V 2.5V GND GND Trst Tdelay (VDD) VDET+1.0V Input Voltage Output Voltage 1.0V VDET+1.0V (VDET+1.0V)/2 GND GND Trst Tdelay (VDD) Nch Open Drain Output CMOS Output |
유사한 부품 번호 - R3130N_04 |
|
유사한 설명 - R3130N_04 |