์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

R1112N ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - RICOH electronics devices division

๋ถ€ํ’ˆ๋ช… R1112N
์ƒ์„ธ๋‚ด์šฉ  LOW NOISE 150mA LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  RICOH [RICOH electronics devices division]
ํ™ˆํŽ˜์ด์ง€  http://www.ricoh.com
Logo 

R1112N ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
/ 21 page
 3 / 21 page
background image
R1112N
3
PIN CONFIGURATION
SOT-23-5
54
VOUT
NC
(mark side)
12
3
VDD
GND
CE
PIN DESCRIPTION
Pin No.
Symbol
Description
9''
,QSXW3LQ

*1'
*URXQG 3LQ

 RU&(
&KLS (QDEOH 3LQ

1&
1R&RQQHFWLRQ
9287
2XWSXWSLQ
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
9,1
,QSXW9ROWDJH

9
9&(
,QSXW9ROWDJH  RU&(3LQ
a9,1 
9
9287
2XWSXW9ROWDJH
a9,1 
9
,287
2XWSXW&XUUHQW

P$
3'
3RZHU'LVVLSDWLRQ

P:
7RSW
2SHUDWLQJ7HPSHUDWXUH 5DQJH
a 
ยฐ&
7VWJ
6WRUDJH7HPSHUDWXUH 5DQJH
a
ยฐ&


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
GM6155150mA LOW - NOISE LDO REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LR1102LOW NOISE 150mA LDO REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
SP6260High Speed Extremely Low Noise 150mA LDO Regulator 1 2 3 4 5 MoreSipex Corporation
TPS717XXLow Noise High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator 1 2 3 4 5 MoreTexas Instruments
LT1762150mA Low Noise LDO Micropower Regulators 1 2 3 4 5 MoreLinear Technology
NCP580_06Ultra−Fast Low Noise 120 mA CMOS LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
AP2122HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AP2121_07HIGH SPEED EXTREMELY LOW NOISE LDO REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn